Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5355 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 23Page - Analog Devices ADF5355 Datasheet HTML 24Page - Analog Devices ADF5355 Datasheet HTML 25Page - Analog Devices ADF5355 Datasheet HTML 26Page - Analog Devices ADF5355 Datasheet HTML 27Page - Analog Devices ADF5355 Datasheet HTML 28Page - Analog Devices ADF5355 Datasheet HTML 29Page - Analog Devices ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
ADF5355
Rev. A | Page 27 of 38
Reference Mode
The ADF5355 permits use of either differential or single-ended
reference sources.
For optimum integer boundary spur performance, it is
recommended to use the single-ended setting for all references
up to 250 MHz (even if using a differential reference signal). Use
the differential setting for reference frequencies above 250 MHz.
Level Select
To assist with logic compatibility, MUXOUT is programmable to
two logic levels. Set the U5 bit (Bit DB8) to 0 to select 1.8 V
logic, and set it to 1 to select 3.3 V logic.
Phase Detector Polarity
The U4 bit (Bit DB7) sets the phase detector polarity. When a
passive loop filter or a noninverting active loop filter is used, set
DB7 to 1 (positive). If an active filter with an inverting
characteristic is used, set this bit to 0 (negative).
Power-Down
The U3 bit (Bit DB6) sets the programmable power-down mode.
Setting DB6 to 1 performs a power-down. Setting DB6 to 0 returns
the synthesizer to normal operation. In software power-down
mode, the ADF5355 retains all information in its registers. The
register contents are only lost if the supply voltages are removed.
When power-down activates, the following events occur:
The synthesizer counters are forced to their load state
conditions.
The VCO powers down.
The charge pump is forced into three-state mode.
The digital lock detect circuitry resets.
The RFOUTA+/RFOUTA− and RFOUTB output stages are
disabled.
The input registers remain active and capable of loading
and latching data.
Charge Pump Three-State
Setting the U2 bit (Bit DB5) to 1 puts the charge pump into
three-state mode. Set DB5 to 0 for normal operation.
Counter Reset
The U1 bit (Bit DB4) resets the R counter, N counter, and VCO
band select of the ADF5355. When DB4 is set to 1, the RF
synthesizer N counter, R counter, and VCO band select are reset.
For normal operation, set DB4 to 0.
Toggling counter reset is also required when changing frequency.
See the Frequency Update Sequence section for more information.
REGISTER 5
The bits in Register 5 are reserved and must be programmed as
described in Figure 46, using a hexadecimal word of 0x00800025.
Figure 46. Register 5 (0x00800025)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
00
00
000
0
C4(0) C3(1) C2(0)
CONTROL
BITS
00
RESERVED
DB0
C1(1)
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com