Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5904WCCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5904WCCPZ Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ Datasheet HTML 10Page - Analog Devices ADF5904WCCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADF5904
TYPICAL PERFORMANCE CHARACTERISTICS
RF INPUT POWER (dBm)
0.01
0.1
1
10
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–40°C
+25°C
+105°C
Figure 5. IF Output Power vs. RF Input Power,
LO Frequency = 24 GHz at −5 dBm and IF Frequency = 100 kHz
RF INPUT POWER (dBm)
0
5
10
15
20
25
30
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–40°C
+25°C
+105°C
Figure 6. Conversion Gain vs. RF Input Power,
LO Frequency = 24 GHz at −5 dBm, and IF Frequency = 100 kHz
RF INPUT POWER (dBm)
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–40°C
+25°C
+105°C
Figure 7. IF Output Power vs. RF Input Power,
LO Frequency = 24 GHz at −5 dBm, and IF Frequency = 100 kHz
RF FREQUENCY (Hz)
0
5
10
15
20
25
30
23.90 23.95 24.00 24.05 24.10 24.15 24.20 24.25 24.30 24.35
–40°C
+25°C
+105°C
Figure 8. Channel Gain vs. RF Frequency,
Rx Input = −50 dBm, LO Power = −5 dBm, and IF Frequency = 100 kHz
LO INPUT POWER (dB)
0
5
10
15
20
25
30
–20
–15
–10
–5
0
5
–40°C
+25°C
+105°C
Figure 9. Channel Gain vs. LO Input Power, Rx Input = −50 dBm,
LO Frequency = 24 GHz, and IF Frequency = 100 kHz
IF FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
18
20
10k
100k
1M
10M
–40°C
+25°C
+105°C
Figure 10. Noise Figure vs. IF Frequency, LO Frequency = 24.125 GHz at −5 dBm
Rev. 0 | Page 7 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com