Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV49 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCV49
Description  NPN Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV49 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCV49 Datasheet HTML 1Page - Infineon Technologies AG BCV49 Datasheet HTML 2Page - Infineon Technologies AG BCV49 Datasheet HTML 3Page - Infineon Technologies AG BCV49 Datasheet HTML 4Page - Infineon Technologies AG BCV49 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCV29, BCV49
4
Jul-12-2001
Collector cutoff current ICBO = f (TA)
VCB = VCEmax
0
10
EHP00318
BCV 29/49
A
T
150
0
4
10
Ι
CBO
nA
50
100
1
10
2
10
3
10
˚C
max
typ
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
200
400
600
800
mW
1200
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00319
BCV 29/49
-6
-5
10
0
10
s
0
10
2
10
5
5
10
-4
10
-3
10
-2
10
1
5
0
0.5
0.2
0.1
0.05
0.02
0.01
0.005
=
D
tot max
tot
P
DC
P
p
t
t p
=
D
T
t p
T
Transition frequency fT = f (IC)
VCE = 5V
10
EHP00321
BCV 29/49
03
10
mA
1
10
3
10
5
10
1
10
2
10
2
C
T
f
MHz
Ι



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com