Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2389 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 8Page - Analog Devices ADP2389 Datasheet HTML 9Page - Analog Devices ADP2389 Datasheet HTML 10Page - Analog Devices ADP2389 Datasheet HTML 11Page - Analog Devices ADP2389 Datasheet HTML 12Page - Analog Devices ADP2389 Datasheet HTML 13Page - Analog Devices ADP2389 Datasheet HTML 14Page - Analog Devices ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP2389/ADP2390
Data Sheet
THEORY OF OPERATION
The ADP2389/ADP2390 are synchronous step-down, dc-to-dc
regulators. These devices use a current-mode control architecture
with an integrated high-side power switch and a low-side synchro-
nous rectifier. The regulators target high performance applications
that require high efficiency and design flexibility.
The ADP2389/ADP2390 can operate with an input voltage from
4.5 V to 18 V and can regulate the output voltage to 0.6 V. Addi-
tional features added for design flexibility include programmable
switching frequency, programmable soft start, programmable
current limit, external compensation, precision enable, and a
power-good output.
CONTROL SCHEME
The ADP2389/ADP2390 use a fixed frequency, peak current
mode pulse-width modulation (PWM) control architecture. At
the start of each oscillator cycle, the high-side MOSFET turns
on, adding a positive voltage across the inductor. The current in
the inductor (IL) increases until the current sense signal crosses
the peak inductor current threshold that turns off the high-side
MOSFET and turns on the low-side MOSFET. This action adds a
negative voltage across the inductor, causing the inductor current to
decrease. The low-side MOSFET remains on for the rest of cycle.
PFM MODE (ADP2390 ONLY)
The ADP2390 can work in PFM mode during a light load.
When the COMP pin voltage is below the PFM threshold
voltage, the device enters PFM mode. In PFM mode, the device
monitors the FB voltage to regulate the output voltage. Because
the high-side and low-side MOSFETs are turned off, the load
current discharges the output capacitor, causing the output
voltage to drop. When the FB voltage drops below 0.605 V, the
device begins switching and the output voltage increases as the
output capacitor is charged by the inductor current. When the
FB voltage exceeds 0.62 V, the device turns off both the high-side
and low-side MOSFETs until the FB voltage drops to 0.605 V. In
the PFM mode, the output voltage ripple is greater than the
ripple in the PWM mode.
PRECISION ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.2 V (typical)
with 100 mV of hysteresis. When the enable pin (EN) voltage
exceeds 1.2 V, the regulator turns on; when it falls below 1.1 V
(typical), the regulator turns off. To force the regulator to start
automatically when input power is applied, connect the EN pin
to PVIN.
The precision EN pin has an internal pull-down current source
(5 µA) that provides a default turn off when the EN pin is open.
When the EN pin voltage exceeds 1.2 V (typical), the
ADP2389/ADP2390 are enabled and the internal pull-down
current source at the EN pin decreases to 1 µA, which allows
users to program the PVIN UVLO and hysteresis.
INTERNAL REGULATOR (VREG)
The on-board regulator provides a stable supply for the internal
circuits. Place a 1 µF, X7R or X5R ceramic capacitor between
the VREG pin and GND. The internal regulator includes a
current-limit circuit to protect the output if the maximum
external load current is exceeded.
BOOTSTRAP CIRCUITRY
The ADP2389/ADP2390 include a boot strap regulator to
provide the gate drive voltage for the high-side MOSFET. The
boot strap regulator uses differential sensing to generate a 5 V
bootstrap voltage between the BST pin and the SW pin.
Place a 0.1 µF, X7R or X5R ceramic capacitor between the
BST pin and the SW pin.
OSCILLATOR
The switching frequency of the ADP2389/ADP2390 (fSW) is
controlled by the RT pin. A resistor (RT) from the RT pin to
GND can program the switching frequency according to the
following equation:
12
)
(k
000
,
67
(kHz)
+
Ω
=
T
SW
R
f
A 100 kΩ resistor sets the switching frequency to 600 kHz, and
a 44.2 kΩ resistor sets the switching frequency to 1.2 MHz.
Figure 29 shows the typical relationship between fSW and RT.
Figure 29. Switching Frequency (fSW) vs. RT
2200
2000
0
200
400
600
800
1000
1200
1400
1600
1800
10
40
70 100 130 160 190 220 250 280 310 340
RT (kΩ)
Rev. 0 | Page 12 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com