Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5080 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 45Page - Analog Devices ADP5080 Datasheet HTML 46Page - Analog Devices ADP5080 Datasheet HTML 47Page - Analog Devices ADP5080 Datasheet HTML 48Page - Analog Devices ADP5080 Datasheet HTML 49Page - Analog Devices ADP5080 Datasheet HTML 50Page - Analog Devices ADP5080 Datasheet HTML 51Page - Analog Devices ADP5080 Datasheet HTML 52Page - Analog Devices ADP5080 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Data Sheet
ADP5080
Register 14: VID45 (Output Voltage for Channel 4 and Channel 5), Address 0x0E
Register 14 sets the output voltage for Channel 4 and Channel 5. The default values are defined by the fuse option.
Table 42. Register 14 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VID5
VID4
Table 43. VID45 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[6:4]
VID5
R/W
These bits set the output voltage for Channel 5.
000 = 5.00 V.
001 = 4.30 V.
010 = 4.25 V.
011 = 3.30 V.
100 = 3.20 V.
101 = 3.15 V.
110 = 3.10 V.
111 = 3.00 V.
[2:0]
VID4
R/W
These bits set the output voltage for Channel 4.
000 = 3.55 V.
001 = 3.30 V.
010 = 3.20 V.
011 = 3.15 V.
100 = 3.10 V.
101 = 2.80 V.
110 = 1.80 V.
111 = adjustable mode.
Register 15: VID6 (Output Voltage for Channel 6), Address 0x0F
Register 15 sets the output voltage for Channel 6. The default value is defined by the fuse option.
Table 44. Register 15 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VID6
Table 45. VID6 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[3:0]
VID6
R/W
These bits set the output voltage for Channel 6.
0000 = 5.5 V.
0001 = 5.4 V.
0010 = 5.3 V.
0011 = 5.2 V.
0100 = 5.15 V.
0101 = 5.1 V.
0110 = 5.0 V.
0111 = 4.9 V.
1000 = 4.8 V.
1001 = 4.7 V.
1010 = 4.6 V.
1011 = 4.5 V.
1100 = 4.4 V.
1101 = 3.8 V.
1110 = 3.5 V.
1111 = adjustable mode.
Rev. A | Page 49 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com