Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW66F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCW66F
Description  NPN Silicon AF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW66F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCW66F Datasheet HTML 1Page - Infineon Technologies AG BCW66F Datasheet HTML 2Page - Infineon Technologies AG BCW66F Datasheet HTML 3Page - Infineon Technologies AG BCW66F Datasheet HTML 4Page - Infineon Technologies AG BCW66F Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCW65, BCW66
1
Jul-10-2001
NPN Silicon AF Transistor
 For general AF applications
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BCW67, BCW68 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCW65A
BCW65B
BCW65C
BCW66F
BCW66G
BCW66H
EAs
EBs
ECs
EFs
EGs
EHs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BCW65
BCW66
Unit
Collector-emitter voltage
VCEO
32
45
V
Collector-base voltage
VCBO
60
75
Emitter-base voltage
VEBO
5
5
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCW66F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66F STMICROELECTRONICS-BCW66F Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66F ZETEX-BCW66F Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW66F SIEMENS-BCW66F Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Diotec Semiconductor
BCW66F DIOTEC-BCW66F Datasheet
181Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW66F DIOTEC-BCW66F Datasheet
100Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - BCW66F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
NPN Silicon AF Transistor
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
NPN Silicon AF Transistor
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
NPN Silicon AF Transistor
Nov-29-2001
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
NPN Silicon AF Transistor
Feb-20-2002
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
NPN Silicon AF Transistor
2008-10-10
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
NPN Silicon AF Transistor
2008-04-11
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com