Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46000PWPEVM Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # LM46000PWPEVM
Description  LM46000EVM evaluation module (EVM) helps designers evaluate the operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

LM46000PWPEVM Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  LM46000PWPEVM Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46000PWPEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preview
Input/Output (I/O) Connector Description
www.ti.com
Figure 1. Top View of LM46000EVM
3
Input/Output (I/O) Connector Description
VIN – Terminal on J2— is the power input terminal for the converter. The terminal edge connector also
provides a power (VIN) and ground (GND) connection to allow the user to attach the EVM to a
cable harness.
VOUT – Terminal on J3— is the regulated output voltage for the converter. The terminal edge connector
also provides a power (VOUT) and ground (GND) connection to allow the user to attach the EVM to
a cable harness.
GND – Terminal on J2 and J3— are the ground reference for the converter. The terminal edge connector
also provides a GND connection for attaching the EVM to a cable harness.
EN – Testpoint— is used to enable the converter by supplying a voltage greater than 2.2 V (typ) or just to
monitor the voltage on this terminal whenever a resistor divider is in place (for precision enable
applications). The LM46000EVM is built for a precision enable application with resistors RENT and
RENB pre-assembled. The regulator will be enabled when VIN > 3.5 V. This threshold can be
calculated by:
2
LM46000EVM User Guide
SNVU423 – June 2014
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com