Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SC-1HT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL23EP09SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SC-1HT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL23EP09SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rev 2.0, May 12, 2008
Page 10 of 14
SL23EP09
External Components & Design Considerations
Typical Application Schematic
SL23EP09
CL
CL
CL
0.1
μF
0.1
μF
CLKIN
CLKOUT
CLKA1
CLKB4
GND
GND
S1
S2
VDD
VDD
1
4
13
9
8
5
12
11
2
16
VDD
Comments and Recommendations
Decoupling Capacitor:
A decoupling capacitor of 0.1μF must be used between VDD and VSS pins. Place the capacitor on
the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and to the GND via
should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the output clocks and
the load is over 1 ½ inch. The nominal impedance of the clock outputs is given on the page 4. Place the series termination
resistors as close to the clock outputs as possible.
Zero Delay and Skew Control: All outputs and CLKIN pins should be loaded with the same load to achieve “Zero Delay”
between the CLKIN and the outputs. The CLKOUT pin is connected to CLKIN internally on-chip for feedback to PLL, and
sees an additional 2 pF load with respect to Bank A and B clocks. For applications requiring zero input/output delay, the load
at the all output pins including the CLKOUT pin must be the same. If any delay adjustment is required, the capacitance at
the CLKOUT pin could be increased or decreased to increase or decrease the delay between Bank A and B clocks and
CLKIN.
For minimum pin-to-pin skew, the external load at all the Bank A and B clocks must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com