Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ14 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ14
Description  Quiet Series Hex Inverter with Schmitt Trigger Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ14 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACTQ14 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
I
OLD
Minimum Dynamic
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current (Note 4)
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
40.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
V
OLP
Quiet Output Maximum
5.0
1.5
V
Dynamic V
OL
(Note 6)
V
OLV
Quiet Output Minimum
5.0
-1.2
V
Dynamic V
OL
(Note 6)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 6: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
(Note 7)
to +125˚C
Units
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
12.5
ns
Data to Output
t
PHL
Propagation Delay
5.0
1.0
11.5
ns
Data to Output
Note 7: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
80
pF
V
CC = 5.0V
Capacitance
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com