Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB110 Datasheet(PDF) 1 Page - XP Power Limited

Part # ASB110
Description  No Extra Components Required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB110 Datasheet(HTML) 1 Page - XP Power Limited

  ASB110 Datasheet HTML 1Page - XP Power Limited ASB110 Datasheet HTML 2Page - XP Power Limited ASB110 Datasheet HTML 3Page - XP Power Limited ASB110 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASB110 Series
AC-DC Power Supplies
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
85
264
VAC
Derate linearly from 100% load at 90 VAC to 90% load
at 85 VAC
Input Frequency
47
63
Hz
Input Current
1.1/0.6
A
115 VAC/Measured at 230 VAC
Inrush Current
70
A
230 VAC, cold start at 25 °C
Power Factor
>0.9
Full load
Earth Leakage Current
500
µA
264 VAC, 60 Hz
No Load Input Power
0.3
W
Input Protection
Internal T3.15A/250 VAC fitted in line
The ASB110 series is a range of complete low profile, full brick, base-plate cooled AC-DC power
supplies which require no external components. The series includes a complete built in EMC filter
and AC Fuse as well as bulk storage capacitor providing a complete AC-DC power solution ready
for installation into end applications. The ASB110 offers high efficiency to minimise waste heat and
heat sinking requirements and operates from -40 °C to +85 °C on the module base-plate.
• Complete AC/DC Power Supply
• No Extra Components Required
• Base Plate Cooled
• -40 to +85 °C Base Plate Temperature
• Low Profile in Full Brick Package
• High Efficiency - Up to 91%
• Universal Input
• <0.3 W No Load Input Power
• Optional Heatsink Available
• Over Current, Over Voltage and Over Temperature Protection
• 3 Year Warranty
110 Watts
Dimensions:
ASB110:
4.6 x 2.4 x 0.67” (116.8 x 61 x 17 mm)
www.xppower.com
1
Models & Ratings
Notes
Output Power
Output Voltage
Output Current
Noise and Ripple
Efficiency(1)
Model Number(2)
110 W
12.0 V
9.17 A
120 mV
90.0%
ASB110PS12
15.0 V
7.33 A
150 mV
90.0%
ASB110PS15
24.0 V
4.58 A
240 mV
91.0%
ASB110PS24
28.0 V
3.93 A
280 mV
91.0%
ASB110PS28
36.0 V
3.06 A
360 mV
91.0%
ASB110PS36
48.0 V
2.29 A
480 mV
90.5%
ASB110PS48
1. Typical efficiency with 230 VAC input and full load.
2. Add suffix ‘-HK- to receive with optional heat-sink fitted.
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
90
%
See Models and Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VDC
Switching Frequency
70-130 / 50-90
kHz
PFC / PWM
Power Density
14.8
W/in3
Mean Time Between Failure
>300
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.51 (230)
lb (g)


Similar Part No. - ASB110

ManufacturerPart #DatasheetDescription
logo
EPCOS
ASB1200E EPCOS-ASB1200E Datasheet
219Kb / 8P
Barometric pressure transducer for SMT
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
Pressure Sensors for Barometric Measurements in Consumer Applications
ASB1200VR EPCOS-ASB1200VR Datasheet
502Kb / 2P
Pressure Sensors for Barometric Measurements in Consumer Applications
logo
XP Power Limited
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
ASB160PS12 XPPOWER-ASB160PS12 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results

Similar Description - ASB110

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
No external components required Operating temperature -70째 to 150째C
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
Only 5 external components required
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
Low cost and no external components required.
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com