Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP520 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFP520
Description  NPN Silicon RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BFP520
SIEGET45
Sep-26-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 2.5
3
3.5
V
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
200
nA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
35
µA
DC current gain
IC = 20 mA, VCE = 2 V
hFE
70
110
200
-
AC characteristics (verified by random sampling)
Transition frequency
IC = 30 mA, VCE = 2 V, f = 2 GHz
fT
-
45
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz
Ccb
-
0.06
-
pF
Collector-emitter capacitance
VCE = 2 V, f = 1 MHz
Cce
-
0.3
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.35
-
Noise figure
IC = 2 mA, VCE = 2 V, ZS = ZSopt ,
f = 1.8 GHz
F
-
0.95
-
dB
Power gain, maximum stable 1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt, ZL = ZLopt ,
f = 1.8 GHz
Gms
-
23
-
Insertion power gain
IC = 20 mA, VCE = 2 V, f = 1.8 GHz,
ZS = ZL = 50
|S21|2
-
21
-
dB
Third order intercept point at output
VCE = 2 V, f = 1.8 GHz, ZS=ZSopt, ZL=ZLopt ,
IC = 20 mA
IC = 7 mA
IP3
-
-
25
17
-
-
dBm
1dB compression point
VCE = 2 V, f = 1.8 GHz, ZS=ZSopt, ZL=ZLopt ,
IC = 20 mA
IC = 7 mA
P-1dB
-
-
12
5
-
-
1Gms = |S21 / S12|



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com