Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SS-5
Description  Subminiature Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0709
BU-SB07219
Page 2 of 3
Data Sheet 2621
Specifications
Voltage
Interrupting Rating
Catalog
Rating
(amps) @ Rated
Typical DC Cold
Typical
Typical Voltage
Agency Approvals
Number
(Vac)
Voltage (50Hz)**
Resistance (m
W)*** Melting I2t†
Drop@1In (mV)‡
VDE
SEMKO cRUus
CQC EK-MARK
PSE
SS-5-400mA
250
35
330
1.67
147
X
X
X
X
SS-5-500mA
250
35
257.5
1.79
151.5
XXXXX
SS-5-630mA
250
35
140
1.51
100.5
XXXXX
SS-5-800mA
250
35
118
4.21
110.5
XXXXX
SS-5-1A
250
35
80.75
7.4
94.5
XXXXX
X
SS-5-1.25A
250
35
624
12.75
93.5
XXXXX
X
SS-5-1.6A
250
35
41
23
71.5
XXXXX
X
SS-5-2A
250
35
31.15
29.8
75
XXXXX
X
SS-5-2.5A
250
35
24.30
40.3
74.5
XXXXX
X
SS-5-3.15A
250
35
16.75
67
62.5
XXXXX
X
SS-5-4A
250
40
12.75
87
65.4
XXXXX
X
*SS-5-5A
250
50
7.35
120
43
XXXXX
X
*SS-5-6.3A
250
63
7.40
176
59
XXXXX
X
*Conducting path min. 0.2mm
2.
**Interrupting ratings: 400mA-3.15A were measured at 35A, 95%-100% of PF on AC; 4A, 5A & 6.3A measured at 10x Rated Current, 95%-100% of PF on AC.
***Typical cold resistance measured at <10% of rated current.
†I
2t value is measured at 10In DC.
‡ Typical voltage drop measured at 20°C ambient temperature at rated current.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com