Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME60 Datasheet(PDF) 1 Page - SL Power Electronics

Part # ME60
Description  60W Single Output External Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME60 Datasheet(HTML) 1 Page - SL Power Electronics

  ME60 Datasheet HTML 1Page - SL Power Electronics ME60 Datasheet HTML 2Page - SL Power Electronics ME60 Datasheet HTML 3Page - SL Power Electronics ME60 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ME60
60W Single Output External Power
Medical Series
www.slpower.com
ME60 Rev 2.4
31-JAN-16
1
Features
Meets UL/EN/IEC60601-1-2, 4th edition for
EMC
*
Approved to EN/IEC/UL60601-1, 3rd edition
with isolation levels which satisfy the 2 MOPP
requirements
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 60W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop Style Package
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
E-cap life of >7 years
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for medical applications. The ME60A Medical Series low
power external AC-DC power supplies are approved to safety EN/IEC/UL60601-1, 3rd edition and EN/IEC/UL60601-1-11:2010
for Home Healthcare (non-hospital use) applications with and isolation levels which satisfy the 2 MOPP requirements and
designed to UL/EN/IEC60601-1-2, 4th edition for EMC
*. The ME60A Series models will operate at universal input range of 90 to
264Vac over the wide temperature range of -20°C to +50°C, delivering full rated output power up to +40°C and applicable
output power derating at 50
°C. These models are available in desktop versions, include an IP22 rating per IEC60529 for the
enclosure, and the output cable can be terminated at a variety of output connectors.
*Consult Factory for Table 9 compliance information.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
ME60A0551F01
5.0V
7.00A
35W
75mV pk-pk
±1%
±5%
6 pin Molex Type
2
Class I Desktop,
IEC60320 C14
Receptacle
ME60A1203F01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
ME60A1503F01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
ME60A1803F01
18.0V
3.30A
60W
180mV pk-pk
±1%
±5%
ME60A2403F01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
ME60A4803F01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
ME60A0551N01
5.0V
7.00A
35W
75mV pk-pk
±1%
±5%
6 pin Molex Type
3
Class II Desktop,
IEC60320 C8
Receptacle
ME60A1203N01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
ME60A1503N01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
ME60A1803N01
18.0V
3.30A
60W
180mV pk-pk
±1%
±5%
ME60A2403N01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
ME60A4803N01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
ME60A0551Q01
5.0V
7.00A
35W
75mV pk-pk
±1%
±5%
6 pin Molex Type
3
Class II Desktop,
IEC60320 C18
Receptacle
ME60A1203Q01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
ME60A1503Q01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
ME60A1803Q01
18.0V
3.30A
60W
180mV pk-pk
±1%
±5%
ME60A2403Q01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
ME60A4803Q01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V
models, values listed are typical, 100mV pk-pk maximum.
2. Molex p/n 39-01-2060 or equivalent. See outline drawing for pinout information.
3. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE60B1203F01).
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - ME60

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ME600815 POWEREX-ME600815 Datasheet
69Kb / 4P
Three-Phase Diode Bridge Modules (150 Amperes/800 Volts)
ME601215 POWEREX-ME601215 Datasheet
463Kb / 4P
Three-Phase Diode Bridge Modules (150 Amperes/1200-1600 Volts)
logo
List of Unclassifed Man...
ME60151V1-0000-A99 ETC-ME60151V1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
ME60151V2-0000-A99 ETC-ME60151V2-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
ME60151V3-0000-A99 ETC-ME60151V3-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results

Similar Description - ME60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-60 MEANWELL-LPV-60 Datasheet
82Kb / 2P
60W Single Output Switching Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
60W Single Output LED Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
60W Single Output Switching Power Supply
logo
SL Power Electronics
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
60W Single Output External Power
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
60W Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com