Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
DLPA2000
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted) (see
(1)(2))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBIAS REGULATOR
Output voltage
18
V
DC output voltage accuracy
IOUT = 2 mA
–2%
2%
VBIAS
DC load regulation
VIN = 3.6 V, IOUT = 0 to 2 mA
–14
V/A
VINA, VINL, VINR, VINC 2.7 to 6 V,
DC line regulation
18
mV/V
IOUT = 2 mA
VIN = 3.6 V, IOUT = 2 mA, COUT = 440 nF
VRIPPLE
Output ripple
375
mVpp
(see (3))
IOUT
Output current
0
4
mA
Power-good threshold
VBIAS rising
86%
PG
(fraction of nominal output
VBIAS falling
66%
voltage)
RDIS
Output discharge resistor
Active when rail is disabled
100
Ω
Recommended value (output capacitors for
110
220
VOFS / VBIAS must be equal)
COUT
Output capacitor
nF
tDISCHARGE < 40 µs at 2.9 V
100
110
VRST REGULATOR
Output voltage
–14
V
DC output voltage accuracy
IOUT = 2 mA
–3%
3%
VRST
DC load regulation
VIN = 3.6 V, IOUT = 0 to 2 mA
13
V/A
VINA, VINL, VINR, VINC 2.7 to 6 V,
DC line regulation
–21
mV/V
IOUT = 2 mA
VIN = 3.6 V, IOUT = 2 mA, COUT = 440 nF
VRIPPLE
Output ripple
375
mVpp
(see (3))
VREF_VRST
Reference voltage
500
mV
IOUT
Output current
0
4
mA
VRST rising
90%
Power-good threshold (fraction of
PG
nominal output voltage)
VRST falling
90%
RDIS
Output discharge resistor
Active when rail is disabled
±150
Ω
110
220
COUT
Output capacitor
nF
tDISCHARGE < 70 µs at VBAT ≥ 2.7 V
100
110
LED DRIVER
VLED BUCK-BOOST
Output voltage range
1.2
5.5
VLED
V
Default output voltage
SW4, SW5, SW6 in OPEN position
3.5
VOVP
Output overvoltage protection
Clamps buck-boost output
5.5
7
V
VLED_OVP
Fault detection threshold
Triggers VLED_OVP interrupt
5.4
V
ISW
Switch current limit
3.5
4.0
4.5
A
Switch A (from VINL to L1)
50
Switch B (from L1 to PGNDL)
50
RDS(ON)
MOSFET ON-resistance
m
Ω
Switch C (from L2 to PGNDL)
50
Switch D (from L2 to VLED)
50
ƒSW
Switching frequency
2.25
MHz
COUT
Output capacitance
2 × 22
µF
RGB STROBE CONTROLLER SWITCHES
RDS(ON)
Drain-source ON-resistance
SW4, SW5, SW6
30
75
m
Ω
ILEAK
OFF-state leakage current
VDS = 5.0 V
1
µA
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com