Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BP2
Description  Entry & Basic Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BP2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BP2 Datasheet HTML 1Page - Infineon Technologies AG BP2 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
Pr oduct Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4/2004-01-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
Ordering No. B134-H8365-X-0-7600
Printed in Germany
PS 0104.8
NB
B P 2 M o d e m Fun c t i o ns
Standards
■
GSM/GPRS Dualband
■
Triband & Quadband options
■
RF Band: 850/900/1800/1900 MHz
■
Protocol stack GSM/GPRS Rel. 97
Voice Features
■
Telephony
■
Vocoders: HR, FR, EFR, AMR
■
Echo cancellation
■
Noise suppression
Data Features
■
GPRS class B, multi-slot class 10, coding scheme CS 1..4
■
CSD 9.6 kbit/s
■
SMS MO/MT, cell broadcast
■
AT command set
■
Fax class 2
■
STK class 3
Supp or ted Appl ic at ions
Common SW Feature Set
■
WAP 2.0
■
EMS Rel. 5
■
MMS Rel. 1.1
■
Java MIDP 1.0
■
Integrated polyringer 32 voices @ 16 kHz
■
Predictive text input
■
Voice dialling & command
Optional Hardware Features
■
IrDA 115 kbit/s
■
Stereo FM radio
■
Polyphone ringer more than 40 voices
■
Integrated camera
S y s t em Ar c h it ect u r e of BP2
Key Components
■
Baseband E-GOLDlite
■
Power management E-Powerlite
■
RF transceiver SMARTi SD
■
16 – 32 Mbit Cellular RAM
Highe s t Int e gr ated GS M/GPRS Pl atf o rm
Leading low-cost GSM/GPRS platform for
basic & entry level terminals
■
140 components (without customer specific parts)
■
Leading edge eBOM
■
CMOS RF transceiver
■
Comprehensive feature set built-in
Smallest system PCB size
■
Modem 10 cm
2
■
Flip-chip baseband, 8 x 8 mm
APOXI
TM Applic ation Fr amew ork
The APOXI
TM Application Framework enables and includes
■
A platform independent, easily reusable environment for rapid development and cost efficient solutions
■
A powerful reference MMI with a broad range of pre-integrated reference applications
■
An open API to enable unlimited 3rd party applications
■
APIs for SIM, NVRAM, Flash, Display, Audio, Video, Real Time Operating Systems and the TCP/UDP family
■
An object-oriented framework, ideal for developing customized “Look & Feel” MMIs & applications
■
Support for Java, camera, and a broad range of advanced multimedia codecs
■
An innovative roadmap of advanced applications provided by a leading developer network
E-GOLDlite
µC C166 @ 52 MHz
TEAKlite @ 104 MHz
E-Powerlite
I
2C
SMARTi SD
IrDA Driver
and Diodes
IrDA Option
> 32 Voices
Polyphone Ringer
PA
FEM
V24/IrDA
Modulated
Display/
Camera
Controller
Data +
Address
Bus
Up to VGA
Vibrator
Charge
Backlight
Battery Li-Ion,
Li-Pol, NiMH
Flash
Cellular RAM
RTC Back-up
Connectors
Handsfree, 8
Ω/400 mW
32 Polyphone Ringer
Earpiece and
Poly-Ringer
Analog
Standard or
Secondary
Display
B&W
or Color
6 x 4
Direct SIM
Interface
SIM Card
I
2C, SSC
Infineon
Component
Customer
Specific
Hardware
Option
Predefined
Component
IQ/RF Control
0
*#
3
2
1
8
5
4
7
6
9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com