Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC900ZPC Datasheet(PDF) 45 Page - Texas Instruments

Part # DLPC900ZPC
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 41Page - Texas Instruments DLPC900ZPC Datasheet HTML 42Page - Texas Instruments DLPC900ZPC Datasheet HTML 43Page - Texas Instruments DLPC900ZPC Datasheet HTML 44Page - Texas Instruments DLPC900ZPC Datasheet HTML 45Page - Texas Instruments DLPC900ZPC Datasheet HTML 46Page - Texas Instruments DLPC900ZPC Datasheet HTML 47Page - Texas Instruments DLPC900ZPC Datasheet HTML 48Page - Texas Instruments DLPC900ZPC Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Table 8. Active Signals - Illumination Interface
SIGNAL NAME
DESCRIPTION
HEARTBEAT
Signal toggles continuously to indicate system is running fine.
FAULT_STATUS
Signal toggles or held high indicating system faults
RED_LED_EN
Red LED enable
GRN_LED_EN
Green LED enable
BLU_LED_EN
Blue LED enable
RED_LED_PWM
Red LED PWM signal used to control the LED current
GRN_LED_PWM
Green LED PWM signal used to control the LED current
BLU_LED_PWM
Blue LED PWM signal used to control the LED current
8.2.1.2.1.3.2
Trigger and Sync Interface
The DLPC900 outputs a trigger signal for synchronizing displayed patterns with a camera, sensor, or other
peripherals. The sync output supporting signals are: horizontal sync, vertical sync, two input triggers, and two
output triggers. Depending on the application, these signals control how the pattern is displayed.
Table 9. Active Signals - Trigger and Sync Interface
SIGNAL NAME
DESCRIPTION
P1_HSYNC
Horizontal Sync
P1_VSYNC
Vertical Sync
TRIG_IN_1
Depending on the mode, advances the pattern display.
TRIG_IN_2
Depending on the mode, starts or stops the pattern display.
TRIG_OUT_1
Active high during pattern exposure
TRIG_OUT_2
Active high pulse to indicate first pattern display
8.2.1.2.1.4
DLPC900 System Support Interfaces
8.2.1.2.1.4.1
Reference Clock and PLL
The DLPC900 controller requires a 20-MHz 3.3-V external input from an oscillator. This signal serves as the
DLPC900 chipset reference clock from which the majority of the interfaces derive their timing. This includes DMD
interfaces and serial interfaces.
Refer to PCB Layout Guidelines for Internal Controller PLL Power on PLL guidelines.
8.2.1.2.1.4.2
Program Memory Flash Interface
The DLPC900 provides three external program memory chip selects for standard NOR-type flash:
•
PM_CSZ_0 – flash device (
≤ 128 Mb)
•
PM_CSZ_1 – dedicated CS for boot flash device (
≤ 128 Mb). Refer to the Figure 21 for the memory layout of
the boot flash.
•
PM_CSZ_2 – flash device (
≤ 128 Mb)
Flash access timing is programmable up to 19 wait-states. Table 10 contains the formulas to calculate the
required wait-states for each of the parameters shown in Figure 22 for a typical flash device. Refer to the
DLPC900 Programmers Guide for details on how to set new wait-state values.
Table 10. Flash Wait-States
PARAMETER
FORMULA (1)
DEFAULT
TCS (CSZ low to WEZ low )
= Roundup((TCS+ 5 ns) / 6.7 ns)
2
TWP (WEZ low to WEZ high)
= Roundup((TWP+ 5 ns) / 6.7 ns)
11
TCH (WEZ high to CSZ high )
= Roundup((TCH+ 5 ns) / 6.7 ns)
2
(1)
Assumes a maximum single direction trace length of 75 mm.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com