Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM7150 Datasheet(PDF) 8 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 4Page - Microchip Technology MM7150 Datasheet HTML 5Page - Microchip Technology MM7150 Datasheet HTML 6Page - Microchip Technology MM7150 Datasheet HTML 7Page - Microchip Technology MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology MM7150 Datasheet HTML 10Page - Microchip Technology MM7150 Datasheet HTML 11Page - Microchip Technology MM7150 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MM7150
DS00001888A-page 8
 2015 Microchip Technology Inc.
3.0
MM7150 HID FUNCTIONS
The MM7150 responds to the standard HID protocol for sensors when used over I2C, defined in References [1] and [2].
The hierarchy of descriptors used in the HID protocol is as follows:
The following sections described the descriptors required for communicating with the MM7150:
3.1
HID Descriptor
3.2
Report Descriptors
Report descriptors are composed of pieces of information. Each piece of information is called an Item.
The HID class driver contains a parser used to analyze items found in the Report descriptor. The parser extracts infor-
mation from the descriptor in a linear fashion.
The parser collects the state of each known item as it walks through the descriptor, and stores them in an item state
table. The item state table contains the state of individual items. From the parser's point of view, a HID class device looks
like the following.
TABLE 3-1:
HID DESCRIPTOR FORMAT (I2C)
Field
Description
Size
Value
wHIDDescLength
Length of HID Descriptor
UINT 16
0x001E
bcdVersion
Version compliance. Compliant with Version 1.00
UINT 16
0x0100
wReportDescLength
Report Descriptor Length (3213 bytes)
UINT 16
0x0C8D
wReportDescRegister
Identifier to read Report Descriptor
UINT 16
0x0002
wInputRegister
Identifier to read Input Report
UINT 16
0x0003
wMaxInputLength
Input Report is 13 Bytes + 2 Bytes length field
UINT 16
0x000D
wOutputRegistert
Identifier to read Output Report
UINT 16
0x0000
wMaxOutputLength
No Output Report
UINT 16
0x0000
wCommandRegister
Identifier for Command Register
UINT 16
0x0005
wDataRegister
Identifier for Data Register
UINT 16
0x0006
wVendorID
Vendor ID
UINT 16
0x04D8
wProductID
Product ID
UINT 16
0x0F01
wVersionID
Version
UINT 16
0x7150
RESERVED
Reserved
UINT 32
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com