Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1921 Datasheet(PDF) 11 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 7Page - Microchip Technology PAC1921 Datasheet HTML 8Page - Microchip Technology PAC1921 Datasheet HTML 9Page - Microchip Technology PAC1921 Datasheet HTML 10Page - Microchip Technology PAC1921 Datasheet HTML 11Page - Microchip Technology PAC1921 Datasheet HTML 12Page - Microchip Technology PAC1921 Datasheet HTML 13Page - Microchip Technology PAC1921 Datasheet HTML 14Page - Microchip Technology PAC1921 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
PAC1921
HIGH-SIDE CURRENT/POWER SENSOR
EVALUATION BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002376A-page 11
Chapter 1. Product Overview
1.1
INTRODUCTION
The PAC1921 is a dedicated power monitoring device with a configurable output. The
PAC1921 High-Side Current/Power Sensor Evaluation Board package provides users
with the means to exercise device functionality while connected either to target
systems (Sys mode) or while utilizing on-board sources (Demo mode).
1.2
PAC1921 EVALUATION SYSTEM
The evaluation system has three major parts, as shown in Figure 1-1:
• Customer-provided Windows® PC with an available USB port
• Microchip PAC1921 Graphical User Interface (GUI) (based on
National Instruments™ LabVIEW™ software)
• Microchip PAC1921 High-Side Current/Power Sensor Evaluation Board
• USB Cable for GUI communications (Standard-A plug to Mini-B plug)
FIGURE 1-1:
PAC1921 Evaluation System.
USB Cable
PC with
GUI and
Microchip USB Bridge Driver
Microchip
Device
Note: Screen captures in this document were taken on a PC with Windows® 7
Professional using the default desktop colors. The colors on your screen
may vary, especially if a Windows theme has been applied on the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com