| Electronic Components Datasheet Search |
|
RN131 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN131 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 40 page ![]() RN131/RN171/RN1723 Evaluation Kits User’s Guide DS50002183B-page 14 2013-2015 Microchip Technology Inc. 1.3 RN EVALUATION KIT HARDWARE The RN evaluation boards contain two push buttons, which are labeled RESET/RST and FN (see Note). The RESET/RST button is used to reset the RN module and the FN button is used to launch different modes depending on the software configuration. In addition to the push buttons, four status LEDs are provided to enable quick debug support. The analog sensor interface supported by all of the RN evaluation boards also provides direct connections to read analog signals such as temperature and acceleration. The RN171 Evaluation Board and the RN1723 Evaluation Board, in addition to the USB cable, can be powered through a battery pack (two AAA batteries). Table 1-1 provides an overview of the RN evaluation kit hardware. TABLE 1-1: RN131/171/1723 EVALUATION KIT HARDWARE Note: On the RN131 Evaluation Board, the push button to reset the board is labeled RESET, whereas on the RN1723 and RN171 Evaluation Boards, this push button is labeled RST. Hardware Description RN-131-EK RN-171-EK and RN-1723-EK RN Evaluation Board Contains the WiFly module and connectors RN131 Module RN171 or RN1723 Module Power Up Interface for powering up the RN evaluation boards USB USB or Battery Pack LEDs To indicate status and for debugging Available Available Push Buttons For launching applications Available Available Sensor Interface On board ADC provides direct connections to read analog signals such as temperature, acceleration and so on Available Available Communication Interface UART Available Available USB Connector On-board Provides power to the RN evaluation board and supports communication (COM Port) Available Available SMA Connectors U.FL and reverse SMA connectors Available Not Available |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |