Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2483 Datasheet(PDF) 15 Page - Microchip Technology

Part # RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology RN2483 Datasheet HTML 17Page - Microchip Technology RN2483 Datasheet HTML 18Page - Microchip Technology RN2483 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RN2483 LoRa™ TECHNOLOGY
PICtail™/PICtail PLUS DAUGHTER
BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
Advance Information
DS50002366A-page 15
Chapter 2. Getting Started
2.1
INTRODUCTION
This chapter describes the hardware requirements for RN2483 LoRa Technology
PICtail/PICtail Plus Daughter Board and also provides the different types of
communication modes.
The module accepts commands via UART interface. Basically, two communication
modes are supported by the daughter board, USB mode and PICtail mode.
PICtail mode gives more computing power to the user program, since motherboards
contain additional MCUs.
This chapter discusses the following topics:
• Communication Modes
• Communication to the Module
• Hardware Description
2.2
COMMUNICATION MODES
2.2.1
USB mode
USB mode is initiated if the daughter board is connected to a USB port via a mini-USB
cable. In this mode, the on-board PIC18 MCU provides a USB-to-UART bridge.
Supply voltage is provided via USB and the on-board LDO (IC1) which regulates 5V to
the nominal 3.3V.
2.2.2
PICtail mode
PICtail mode is initiated if no USB cable is attached to the board and the board is
plugged into the appropriate motherboard.
When USB power is not attached, the on-board PIC18 MCU does not influence UART
communication.
2.2.3
PICtail mode with USB connected
The daughter board can be used in a third mode when it is connected to a PICtail
motherboard while the USB is also connected. It is useful when the user wants to set
the supply voltage from the PICtail connector while the communication must be
continuously active via the USB interface. The on-board PIC18 MCU takes over the
control of the UART interface. In this case, the motherboard is unable to send UART
messages to the module, however, the messages sent by the module appear on the
PICtail UART.
Note: User must ensure that PICtail/PICtail Plus port pins are fully compatible to
the pinout of the daughter board.
Note: Some motherboards may adjust the supply voltage to the attached MCU
Plug-in Module. Do not exceed the supply voltage limits of the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com