| Electronic Components Datasheet Search |
|
SMARTRF06 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SMARTRF06 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 45 page ![]() User’s Guide SWRU321A – May 2013 Page 5/32 1 Introduction The SmartRF06 Evaluation Board (SmartRF06EB or simply EB) is the motherboard in development kits for Low Power RF ARM Cortex®-M based System on Chips from Texas Instruments. The board has a wide range of features, listed in Table 1 below. Component Description TI XDS100v3 Emulator cJTAG and JTAG emulator for easy programming and debugging of SoCs on Evaluation Modules or external targets. High-speed USB 2.0 interface Easy plug and play access to full SoC control using Smar tRF™ Studio PC software. Integrated serial port over USB enables communication between the SoC via the UART back channel. 64x128 pixels serial LCD Big LCD display for demo use and user interface development. LEDs Four general purpose LEDs for demo use or debugging. Micro SD card slot External flash for extra storage, over-the-air upgrades and more. Buttons Five push-buttons for demo use and user interfacing. Accelerometer Three-axis highly configurable digital accelerometer for application development and demo use. Light Sensor Ambient Light Sensor for application development and demo use. Current measurement Current sense amplifier for high side current measurements. Breakout pins Easy access to SoC GPIO pins for quick and easy debugging. Table 1 – SmartRF06EB features 2 About this manual This manual contains reference information about the SmartRF06EB. Chapter 4 will give a quick introduction on how to get started with the SmartRF06EB. It describes how to install SmartRF ™ Studio to get the required USB drivers for the evaluation board. Chapter 5 briefly explains how the EB can be used throughout a project’s development cycle. Chapter 6 gives an overview of the various features and functionality provided by the board. A troubleshooting guide is found in chapter 8 and Appendix A contains the schematics for SmartRF06EB revision 1.2.1. The PC tools SmartRF ™ Studio and SmartRF™ Flash Programmer have their own user manual. See chapter 9 for references to relevant documents and web pages. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |