Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F4DISCOVERY Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STM32F4DISCOVERY
Description  Discovery kit for STM32F407/417 lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F4DISCOVERY Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STM32F4DISCOVERY Datasheet HTML 2Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Quick start
UM1472
6/42
DocID022256 Rev 4
2
Quick start
The STM32F4DISCOVERY is a low-cost and easy-to-use development kit to quickly
evaluate and start a development with an STM32F4 high-performance microcontroller.
Before installing and using the product, please accept the Evaluation Product License
Agreement from www.st.com/stm32f4-discovery.
For more information on the STM32F4DISCOVERY and for demonstration software, visit
www.st.com/stm32f4-discovery.
2.1
Getting started
Follow the sequence below to configure the STM32F4DISCOVERY board and launch the
DISCOVER application:
1.
Check jumper position on the board, JP1 on, CN3 on (DISCOVERY selected).
2.
Connect the STM32F4DISCOVERY board to a PC with a USB cable ‘type A to mini-B’
through USB connector CN1 to power the board. Red LED LD2 (PWR) then lights up.
3.
Four LEDs between B1 and B2 buttons are blinking.
4.
Press user button B1 to enable the ST MEMS sensor, move the board and observe the
four LEDs blinking according to the motion direction and speed. (If you connect a
second USB cable ‘type A to micro-B’ between PC and CN5 connector then the board
is recognized as standard mouse and its motion will also control the PC cursor).
5.
To study or modify the DISCOVER project related to this demo, visit
www.st.com/stm32f4-discovery and follow the tutorial.
6.
Discover the STM32F4 features, download and execute programs proposed in the list
of projects.
7.
Develop your own application using available examples.
2.2
System requirements
Windows PC (XP, Vista, 7)
USB type A to Mini-B USB cable
2.3
Development toolchain supporting the STM32F4DISCOVERY
Altium, TASKING™ VX-Toolset
Atollic TrueSTUDIO®
IAR Embedded Workbench® for ARM (EWARM)
Keil™, MDK-ARM
2.4
Order code
To order the STM32F4 high-performance discovery board, use the order code
STM32F4DISCOVERY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com