Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-KW40Z Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
13
USB-KW40Z development board
4.2.4
USB-KW40Z peripheral functions
The board includes two different MCUs, one dedicated to RF (MKW40Z160) acquisition and the second
features an OpenSDA debugger and processor for BLE sniffer application (MK22FN512).
4.2.4.1
MKW40Z160 peripheral
functions
The USB-KW40Z development board includes two push buttons: one for a general purpose peripheral
function to assist in implementing targeted applications and the other dedicated to MKW40Z160 hardware
reset.
The board also include three LEDs, two for general purposes and the other as a Power-On indicator.
Figure 10 shows the push buttons and LEDs for MKW40Z160.
The application LEDs (D2 and D3) are connected not only with MKW40Z, they also share this connection
with the MK22FN512 MCU. You can isolate LEDs to remove or cut the trace over SH5 and SH6.
Figure 10. USB-KW40Z MKW40Z160 push button & LED
4.2.4.2
MK22FN512/Open SDA
Interface
•
The USB-KW40Z includes an OpenSDA circuitry based on the MK22FN512, that includes all the
necessary components to enable communication and debugging, it also provides power output to
all MKW40Z160 peripherals. Figure 11 shows the OpenSDA circuitry based on the MK22FN512
MCU, and all the necessary connections to interface with MKW40Z160.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com