Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA430 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 10Page - Infineon Technologies AG BGA430 Datasheet HTML 11Page - Infineon Technologies AG BGA430 Datasheet HTML 12Page - Infineon Technologies AG BGA430 Datasheet HTML 13Page - Infineon Technologies AG BGA430 Datasheet HTML 14Page - Infineon Technologies AG BGA430 Datasheet HTML 15Page - Infineon Technologies AG BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG BGA430 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AN 074 Rev E
14 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Figure 21. Simulated Return Loss and Insertion Loss for 2 – Element High Pass Filter. Note
insertion loss = 10.3 dB at 950 MHz.
The entire amplifier with the high pass filter was
optimized
in
simulations.
A
significant
improvement in I.F. amplifier gain slope was
achieved. Please refer to Figures 22 – 29 for
Return Loss, Gain and Reverse Isolation plots of
the complete BGA430 + BGB540 I.F. Amplifier,
with and without the I.F. Amp driving a 30 meter
length of coaxial cable.
For the complete I.F. Amplifier, there is a
difference of about 4 dB in gain between 950
and 2150 MHz, with a positive slope – and
that the 30.4 meter / 100 foot length of 75
ohm coaxial cable has about a 4 dB
difference in insertion loss between 950 and
2150 MHz, with a negative slope.
To see the net gain response of the gain-sloped
BGA430 + BGB540 I.F. Amplifier together with
30.4 meters / 100 feet of 75 ohm coaxial cable,
this combination was measured in a network
analyzer. Please refer to Figure 23 on page 16.
A plot of the resulting gain response of the
complete gain-sloped BGA430 + BGB540 I.F.
Amp driving 30 meters / 100 feet of coaxial
cable is given. When this I.F. Amp drives 30
meters of 75 ohm coax, the gain at 950 and
2150 MHz is virtually identical, with a 3 dB
‘hump’ or rise at mid band.
The use of a high pass filter to achieve a
positive gain slope does limit the available
output compression point at the lower end of the
frequency range (950 MHz). However, some of
the output power capability could be bought
back by running the BGA430 at a higher bias
voltage than 5.0 volts as is done here, since the
BGA430 can safely tolerate up to 6.5 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com