Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSFPAR Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HSFPAR
Description  Force Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSFPAR Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HSFPAR Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Force Sensor
HSFPAR Series
●Specifications provided in this catalog are an outline only. Please
obtain formal delivery specifications before use. ●Colors of
products shown in this catalog may differ slightly from those of the
actual products. ●Product names, company names and names of
standards appearing in this catalog are generally trademarks or
registered trademarks of their respective owners. ●Please contact
us if you have any inquiries about the products and their use. ●This
catalog is valid until December 31, 2015.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
■
Product Information Center +81 (3) 5499-8154
■
Product Information URL http://www.alps.com/products/e/
Industrys Smallest Size and High Sensitivity Realized with MEMS Technology
Typical Specifications
Dimensions
Features
Applications
● Compact, low-profile dimensions allow integration even into thin end products
● Detects stress as low as 0.01N
● Long operating life of more than 1 million cycles
● Unit type with FPC also available
● Stylus pens and various other input devices
● Load balance and grip force detection for robots
● Various industrial equipment
※According to Alps Electric research as of July 2015
※
Measurement range
Sensitivity
2.00 × 1.60 × 0.66 mm
8N
3.7mV/V/N
Linearity
Operating life
Supply voltage
Impact resistance
<3% FS
1 million cycles (@8N)
1.5 - 3.7V
50N
4.00 × 2.70 × 2.06 mm
7N
3.7mV/V/N
<3% FS
1 million cycles (@7N)
1.5 - 3.7V
200N
SMD type
Shock-resistant unit type
Items
Specifications
Dimensions(W×D×H)
Unit : mm
1.60
2.50
GND V2 V1 VDD
4


Similar Part No. - HSFPAR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
Force Sensor
HSFPAR004A ALPS-HSFPAR004A Datasheet
951Kb / 18P
Force Sensor
Mar/26/2019
HSFPAR007A ALPS-HSFPAR007A Datasheet
774Kb / 18P
Force Sensor
Jun/16/2020
HSFPAR303A ALPS-HSFPAR303A Datasheet
2Mb / 14P
Force Sensor UNIT
More results

Similar Description - HSFPAR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8553FN TOSHIBA-TA8553FN Datasheet
421Kb / 12P
G-FORCE SENSOR AMP IC
logo
Sensortechnics GmbH
RFU15001P SENSORTECHNICS-RFU15001P Datasheet
50Kb / 3P
Low profile force sensor
FSS1500NST SENSORTECHNICS-FSS1500NST Datasheet
90Kb / 3P
Low profile force sensor
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
Low Profile Force Sensor
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT_13 Datasheet
362Kb / 4P
Low Profile Force Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
Force Sensor
HSFPAR303A ALPS-HSFPAR303A Datasheet
2Mb / 14P
Force Sensor UNIT
logo
KISTLER INSTRUMENT CORP...
9306A KISTLER-9306A Datasheet
1Mb / 5P
6-Axis Force/Torque Sensor
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com