Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM917ESA Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TSM917ESA
Description  1.8V Nanopower Comparator with Internal 1.245V Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM917ESA Datasheet(HTML) 2 Page - Silicon Laboratories

  TSM917ESA Datasheet HTML 1Page - Silicon Laboratories TSM917ESA Datasheet HTML 2Page - Silicon Laboratories TSM917ESA Datasheet HTML 3Page - Silicon Laboratories TSM917ESA Datasheet HTML 4Page - Silicon Laboratories TSM917ESA Datasheet HTML 5Page - Silicon Laboratories TSM917ESA Datasheet HTML 6Page - Silicon Laboratories TSM917ESA Datasheet HTML 7Page - Silicon Laboratories TSM917ESA Datasheet HTML 8Page - Silicon Laboratories TSM917ESA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TSM917
Page 2
TSM917 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC to VEE) ............................................ +6V
Voltage Inputs (IN+, IN-, REF) .... (VEE - 0.3V) to (VCC + 0.3V)
Output Voltage
TSM917 ................................... (VEE - 0.3V) to (VCC + 0.3V)
Current Into Input Pins ................................................ ±20mA
Output Current ............................................................ ±50mA
Output Short-Circuit Duration ............................................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 2.5mW/°C above +70°C) ........ 200mW
8-Pin SOIC (Derate 5.88mW/°C above +70°C) ...... 471mW
Operating Temperature Range ...................... -40°C to +85°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER
NUMBER
PART
MARKING
CARRIER QUANTITY
ORDER
NUMBER
PART
MARKING
CARRIER QUANTITY
TSM917EUK+
TAAA
Tape
& Reel
-----
TSM917ESA+
TS917E
Tube
97
TSM917EUK+T
Tape
& Reel
3000
TSM917ESA+T
Tape
& Reel
2500
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com