Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM971C Datasheet(PDF) 13 Page - Silicon Laboratories

Part # TSM971C
Description  Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM971C Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button TSM971C Datasheet HTML 9Page - Silicon Laboratories TSM971C Datasheet HTML 10Page - Silicon Laboratories TSM971C Datasheet HTML 11Page - Silicon Laboratories TSM971C Datasheet HTML 12Page - Silicon Laboratories TSM971C Datasheet HTML 13Page - Silicon Laboratories TSM971C Datasheet HTML 14Page - Silicon Laboratories TSM971C Datasheet HTML 15Page - Silicon Laboratories TSM971C Datasheet HTML 16Page - Silicon Laboratories TSM971C Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TSM971/72/73/82/84
TSM971/72/73/82/84 Rev. 1.0
Page 13
hysteresis effectively forces one comparator input to
move quickly past the other input, moving the input
out of the region where oscillation occurs. Figure 1
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals
were reversed, the figure would be the same with an
inverted output.
Hysteresis (TSM971/973 and TSM982)
Hysteresis can be generated with two external
resistors using positive feedback as shown in
Figure 2. Resistor R1 is connected between REF
and HYST and R2 is connected between HYST and
V-. This will increase the trip point for the rising input
voltage, VTHR, and decrease the trip point for the
falling input voltage, VTHF, by the same amount. If no
hysteresis is required, connect HYST to REF. The
hysteresis band, VHB, is voltage across the REF and
HYST pin multiplied by a factor of 2. The HYST pin
can accept a voltage between REF and REF-50mV,
where a voltage of REF-50mV generates the
maximum voltage across R1 and thus, the maximum
hysteresis and hysteresis band of 50mV and
100mV, respectively. To design the circuit for a
desired hysteresis band, consider the equations
below to acquire the values for resistors R1 and R2:
R1 =
VHB
2 x IREF
R2 =
1.182 -
VHB
2
IREF
where IREF is the primary source of current out of the
reference pin and should be maintained within the
maximum current the reference can source. This is
typically in the range of 0.1
μA and 4μA. It is also
important to ensure that the current from reference is
much larger than the HYST pin input current. Given
R2 = 2.4M
Ω, the current sourced by the reference is
0.5
μA. This allows the hysteresis band and R1 to be
approximated as follows:
R1(k
Ω) = VHB(mv)
For the TSM973 and TSM982, the hysteresis is the
same for both comparators.
Hysteresis (TSM972 and TSM984)
Relative to adding hysteresis with the HYST pin as
was done for the TSM971, TSM973, and the
TSM982, the circuit in Figure 3 uses positive
feedback along with two external resistors to set the
desired hysteresis. The circuit consumes more
current and it slows down the hysteresis effect due
to the high impedance on the feedback. Due to the
pull-up resistor on the output and its inability to
Figure 1. Threshold Hysteresis Band
Figure 2. Programming the HYST Pin
Figure 3. External Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com