Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB60S12K Datasheet(PDF) 2 Page - SL Power Electronics

Part # MB60S12K
Description  60W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S12K Datasheet(HTML) 2 Page - SL Power Electronics

  MB60S12K Datasheet HTML 1Page - SL Power Electronics MB60S12K Datasheet HTML 2Page - SL Power Electronics MB60S12K Datasheet HTML 3Page - SL Power Electronics MB60S12K Datasheet HTML 4Page - SL Power Electronics MB60S12K Datasheet HTML 5Page - SL Power Electronics MB60S12K Datasheet HTML 6Page - SL Power Electronics MB60S12K Datasheet HTML 7Page - SL Power Electronics MB60S12K Datasheet HTML 8Page - SL Power Electronics MB60S12K Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
2
Leakage Current
(Input–Earth):
<275µA@264Vac, 60 Hz input, NC
IEC 60601-1 3
rd Ed – 8.7.3.c
Leakage Current
(Output–Earth):
N/A
Leakage Current
(Input-Output):
<90µA@264Vac, 60 Hz input, NC
Input Fuses:
F1, F2: 4A, 250VAC
Fuses provided on all models
Efficiency
Typical
Measured at 120Vac and full load
MB60S12K
83%
MB60S15K
85%
MB60S18K
85%
MB60S24K
88%
24V, 36V, and 48V Models meet Level V
requirement
MB60S36K
88%
MB60S48K
88%
No Load Input Power:
<0.5W
Meet Level V, standby Power Consumption
Turn-on Time:
<2 Seconds at 120Vac.
Hold-up Time:
16mS minimum from loss of ac input at
120 Vac, full load.
55 Watts for 12V output
DC Output Specifications
PARAMETER
SPECIFICATION
NOTES
Output Power:
60W continuous for operation from -10ºC
to 50ºC 55 Watts for 12V output.
Cooling:
Convection
Total Regulation:
±2% for all models
Total regulation is the maximum deviation from
nominal voltage for all loading conditions
Overload Protection:
120% - 180% of rated output current
value, Hiccup Mode
Short Circuit
Protection:
Short across the output terminals will not
cause damage to the unit. Hiccup Mode
Overvoltage
Protection:
OVP firing reduces output voltage to
<50% of nominal in <50mS. See chart for
trip range
Overtemperature
Protection:
Automatic Power Shutdown at Tc =
155ºC,
Minimum Load:
No minimum load is required
Ripple and Noise:
0.5% RMS, 1% pk-pk for all models.
20 MHz Bandwidth, differential mode.
Measured with noise probe directly across
output terminals, and load terminated with
0.1µF ceramic and 10µF low ESR capacitors
Transient Response:
500µs typ. response time for return to
within 0.5% of final value for a 50% load
change, ∆i/∆t< 0.2A/µs. Max. voltage
deviation is 3.5%.
Overshoot:
5% overshoot at turn-on, 5% overshoot at
turn-off, under all conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com