Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1128 Datasheet(PDF) 60 Page - Microchip Technology

Part # CAP1128
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1128 Datasheet(HTML) 60 Page - Microchip Technology

Back Button CAP1128 Datasheet HTML 56Page - Microchip Technology CAP1128 Datasheet HTML 57Page - Microchip Technology CAP1128 Datasheet HTML 58Page - Microchip Technology CAP1128 Datasheet HTML 59Page - Microchip Technology CAP1128 Datasheet HTML 60Page - Microchip Technology CAP1128 Datasheet HTML 61Page - Microchip Technology CAP1128 Datasheet HTML 62Page - Microchip Technology CAP1128 Datasheet HTML 63Page - Microchip Technology CAP1128 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
CAP1128
DS00001622B-page 60
 2015 Microchip Technology Inc.
6.38
LED Off Delay Register
The LED Off Delay register determines the amount of time that an LED remains at its maximum duty cycle (or minimum
as determined by the polarity controls) before it starts to ramp down. If the LED is operating in Breathe mode, this delay
is applied at the top of each “breath”. If the LED is operating in the Direct mode, this delay is applied when the LED is
unactuated.
Bits 6 - 4 - BR_OFF_DLY[2:0] - Determines the Breathe behavior mode off delay, which is the amount of time an LED
in Breathe behavior mode remains inactive after it finishes a breathe pulse (ramp on and ramp off), as shown in Figure 6-
5 (non-inverted polarity LEDx_POL = 1) and Figure 6-6 (inverted polarity LEDx_POL = 0). Available settings are shown
in Table 6-64.
11
0
1.5s
11
1
2s
TABLE 6-63:
LED OFF DELAY REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
95h
R/W
LED Off Delay
Register
-
BR_OFF_DLY[2:0]
DIR_OFF_DLY[3:0]
00h
FIGURE 6-5:
Breathe Behavior with Non-Inverted Polarity
TABLE 6-62:
RISE / FALL RATE DECODE (CONTINUED)
RISE_RATE/ FALL_RATE/ Bit Decode
Rise / Fall Time (TRISE / TFALL)
21
0
LED Actuated
100% - Breathe Max Min Cycle * Brightness
100% - Breathe Min Duty Cycle *
Brightness
LED Unactuated
Breathe Off
Delay
(BR_OFF_DLY)
LED
Brightness
Breathe
Period
(BR_PER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com