Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB65S48C Datasheet(PDF) 7 Page - SL Power Electronics

Part # MB65S48C
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S48C Datasheet(HTML) 7 Page - SL Power Electronics

Back Button MB65S48C Datasheet HTML 2Page - SL Power Electronics MB65S48C Datasheet HTML 3Page - SL Power Electronics MB65S48C Datasheet HTML 4Page - SL Power Electronics MB65S48C Datasheet HTML 5Page - SL Power Electronics MB65S48C Datasheet HTML 6Page - SL Power Electronics MB65S48C Datasheet HTML 7Page - SL Power Electronics MB65S48C Datasheet HTML 8Page - SL Power Electronics MB65S48C Datasheet HTML 9Page - SL Power Electronics MB65S48C Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
7
6. Characteristic Curves
6.1 Output vs. Temperature
65W convection cooled at -20°C to 50°C operating ambient temperature. De-rated output power to 45.5W at 70°C.
6.2 Efficiency vs. Loading at AC Input Voltages
High efficiency is achieved by using QR technology. Synchronous MOSFETs or ultra-fast diodes are used as rectifiers in
MB65S family.
40
50
60
70
-20
-10
0
10
20
30
40
50
60
70
Ambient Operating Temperature ( C)
Output Power - Convection vs. Ambient
Temperature
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0
6.5 13.0 19.5 26.0 32.5 39.1 45.3 51.9 58.4 65.0
Output power(W)
115V
230V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com