Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB65S28C Datasheet(PDF) 1 Page - SL Power Electronics

Part # MB65S28C
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S28C Datasheet(HTML) 1 Page - SL Power Electronics

  MB65S28C Datasheet HTML 1Page - SL Power Electronics MB65S28C Datasheet HTML 2Page - SL Power Electronics MB65S28C Datasheet HTML 3Page - SL Power Electronics MB65S28C Datasheet HTML 4Page - SL Power Electronics MB65S28C Datasheet HTML 5Page - SL Power Electronics MB65S28C Datasheet HTML 6Page - SL Power Electronics MB65S28C Datasheet HTML 7Page - SL Power Electronics MB65S28C Datasheet HTML 8Page - SL Power Electronics MB65S28C Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
1
Features
2” x 3.5’ x 1.3” Package, Ideal for 1U Applications
10-year life design with Premium E-Caps
65 Watts convection cooled
Class I and Class II models
Class B Conducted and Radiated EMI Performance
BF Isolation Type Rated
Designed to meet new IEC 60601-1-2 4
th Edition
EMC Requirements
Approved to AAMI ES/CSA C22.2/EN/IEC60601-1,
3
rd Edition
2 x MOPP Isolation
Internal Temperature Monitor, DC – OK Signal, LED
3 Year Warranty
Description
A superior performance 65 Watt AC to DC power supply designed for next generation medical applications. Feature rich
and highly efficient, MB65 product family can easily fit in a 1U chassis and provides 65 Watts of convection power. Input
& output and internal temperature monitoring/alarms are features of the MB65 family. All models are CE marked to low
voltage directive and approved to AAMI ES/CSA C22.2 No./EN/IEC60601-1, 3
rd edition. The design takes into
consideration the pending international release of the new IEC 60601-1-2, 4
th Edition EMC requirements. With low
leakage current performance, the power supplies are BF rated.
Model Selection
Model
Output Current
Total
OVP
Number
Class
Volts
(Convection Cooled)
Efficiency
1
Ripple &Noise
2
Regulation
Threshold
MB65S12K
Class I
12V
5.4A
88%
0.5%
±1%
17.3 ± 2.4V
MB65S12C
Class II
12V
5.4A
88%
0.5%
±1%
17.3 ± 2.4V
MB65S15K
Class I
15V
4.3A
88%
0.5%
±1%
20.1 ± 2.4V
MB65S15C
Class II
15V
4.3A
88%
0.5%
±1%
20.1 ± 2.4V
MB65S24K
Class I
24V
2.7A
89%
0.5%
±1%
29.3 ± 3.5V
MB65S24C
Class II
24V
2.7A
89%
0.5%
±1%
29.3 ± 3.5V
MB65S48K
Class I
48V
1.35A
90%
0.5%
±1%
55.5 ± 4.5V
MB65S48C
Class II
48V
1.35A
90%
0.5%
±1%
55.5 ± 4.5V
Notes:
1) Efficiency, Typical at 115/230Vac, 25°C. See Charts below for load conditions.
2) Measured at 25C using 6 inch twisted pair wires with noise probe directly across output terminals, and load terminated with 0.1µF ceramic and 10µF
low ESR capacitors.
3) Part number suffix to include “K” for Class-1 AC input, or “C” suffix for Class-2 AC Input
Consult Factory for following Models, availability may vary.
MB65S18K
Class I
18V
3.6A
89%
0.5%
± 1%
21.7 ± 2.5V
MB65S18C
Class II
18V
3.6A
89%
0.5%
± 1%
21.7 ± 2.5V
MB65S28K
Class I
28V
2.3A
89%
0.5%
± 1%
35.2 ± 3.5V
MB65S28C
Class II
28V
2.3A
89%
0.5%
± 1%
35.2 ± 3.5V
MB65S32K
Class I
32V
2.0A
89%
0.5%
± 1%
41.5 ± 4.5V
MB65S32C
Class II
32V
2.0A
89%
0.5%
± 1%
41.5 ± 4.5V


Similar Part No. - MB65S28C

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
MB65-A001 YEALINK-MB65-A001 Datasheet
222Kb / 6P
MeetingBoard
logo
fujitsu semiconductor
MB650XXX FUJITSU-MB650XXX Datasheet
904Kb / 18P
AV CMOS SEREIS GATE ARRAYS
MB650XXX FUJITSU-MB650XXX Datasheet
1Mb / 22P
CMOS Gate Array
logo
Murata Manufacturing Co...
MB65101BAN MURATA-MB65101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB65101BBN MURATA-MB65101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB65S28C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
65W Single Output Medical Type
logo
Astrodyne Corporation
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
65W Single Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
65W Triple Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
65W Single Output Medical Type
logo
SL Power Electronics
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
65W Single Output Series
logo
Mean Well Enterprises C...
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
65W Single Output for Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com