Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC7102 Datasheet(PDF) 3 Page - Microchip Technology

Part # SSC7102
Description  Bosch Sensor Fusion Firmware Addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SSC7102 Datasheet(HTML) 3 Page - Microchip Technology

  SSC7102 Datasheet HTML 1Page - Microchip Technology SSC7102 Datasheet HTML 2Page - Microchip Technology SSC7102 Datasheet HTML 3Page - Microchip Technology SSC7102 Datasheet HTML 4Page - Microchip Technology SSC7102 Datasheet HTML 5Page - Microchip Technology SSC7102 Datasheet HTML 6Page - Microchip Technology SSC7102 Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001657B-page 3
SSC7102
1.0
CONNECTION INFORMATION
Reference: SSC7102 Sensor Fusion Bosch Module Schematic Revision 1.5 Assy. 6731
Note 1-1
A pull-down to ground is required on this pin. Use a 10K ohm resistor. Alternatively, these pins can
be combined with others that require a pull-down and connected as a group through a 1k ohm resistor
to ground.
SSC7102 Signal
Board Connection
SENSORA_SIG1
BMG_INT1
SENSORA_SIG2
BMG_INT2
SENSORA_SIG3
This pin must be pulled to ground through a resistor. (Note 1-1)
SENSORB_SIG1
BMC_INT1
SENSORB_SIG2
BMC_INT2
SENSORB_SIG3
BMC_INT3
SENSORB_SIG4
BMC_DRDY
SENSORB_SIG5
This pin must be pulled to ground through a resistor. (Note 1-1)
SENSORC_SIG1
ISL_INT#



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com