Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2532 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 26Page - Microchip Technology USB2532 Datasheet HTML 27Page - Microchip Technology USB2532 Datasheet HTML 28Page - Microchip Technology USB2532 Datasheet HTML 29Page - Microchip Technology USB2532 Datasheet HTML 30Page - Microchip Technology USB2532 Datasheet HTML 31Page - Microchip Technology USB2532 Datasheet HTML 32Page - Microchip Technology USB2532 Datasheet HTML 33Page - Microchip Technology USB2532 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 30
 2014 Microchip Technology Inc.
Chapter 7 Device Interfaces
The USB2532 provides multiple interfaces for configuration and external memory access. This chapter
details the various device interfaces and their usage.
Note: For information on device configuration, refer to Chapter 6, "Device Configuration," on page 25.
7.1
I2C Master Interface
The I2C master interface implements a subset of the I2C Master Specification (Please refer to the
Philips Semiconductor Standard I2C-Bus Specification for details on I2C bus protocols). The device’s
I2C master interface is designed to attach to a single “dedicated” I2C EEPROM for loading
configuration data and conforms to the Standard-Mode I2C Specification (100 kbit/s transfer rate and
7-bit addressing) for protocol and electrical compatibility. The device acts as the master and generates
the serial clock SCL, controls the bus access (determines which device acts as the transmitter and
which device acts as the receiver), and generates the START and STOP conditions.
Note: Extensions to the I2C Specification are not supported.
Note: All device configuration must be performed via the Pro-Touch Programming Tool. For additional
information on the Pro-Touch programming tool, contact your local sales representative.
7.1.1
I2C Message Format
7.1.1.1
Sequential Access Writes
The I2C interface supports sequential writing of the device’s register address space. This mode is
useful for configuring contiguous blocks of registers. Figure 7.1 shows the format of the sequential
write operation. Where color is visible in the figure, blue indicates signaling from the I2C master, and
gray indicates signaling from the slave.
In this operation, following the 7-bit slave address, the 8-bit register address is written indicating the
start address for sequential write operation. Every subsequent access is a data write to a data register,
where the register address increments after each access and an ACK from the slave occurs.
Sequential write access is terminated by a Stop condition.
7.1.1.2
Sequential Access Reads
The I2C interface supports direct reading of the device registers. In order to read one or more register
addresses, the starting address must be set by using a write sequence followed by a read. The read
register interface supports auto-increment mode. The master must send a NACK instead of an ACK
when the last byte has been transferred.
Figure 7.1 I2C Sequential Access Write Format
S
7-Bit Slave Address
0
P
A
nnnnnnnn
Data value for
XXXXXX
...
nnnnnnnn
A
Data value for
XXXXXX + y
A
xxxxxxxx
A
Register
Address
(bits 7-0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com