Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2534 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2534
Description  USB 2.0 Hi-Speed 4-Port Hub Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2534 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2534 Datasheet HTML 4Page - Microchip Technology USB2534 Datasheet HTML 5Page - Microchip Technology USB2534 Datasheet HTML 6Page - Microchip Technology USB2534 Datasheet HTML 7Page - Microchip Technology USB2534 Datasheet HTML 8Page - Microchip Technology USB2534 Datasheet HTML 9Page - Microchip Technology USB2534 Datasheet HTML 10Page - Microchip Technology USB2534 Datasheet HTML 11Page - Microchip Technology USB2534 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
USB 2.0 Hi-Speed 4-Port Hub Controller
Datasheet
DS00001713A-page 8
 2014 Microchip Technology Inc.
1.1
Block Diagram
Figure 1.1 details the internal block diagram of the USB2534.
Figure 1.1 System Block Diagram
Flex PHY
Up or
Downstream
Repeater
Controller
SIE
Serial
Interface
To I
2C Master/Slave
Routing & Port Re-Ordering Logic
SCL
SDA
Port Controller
VDDCR12
TT #3
TT #2
TT #1
1.2V Reg
RESET_N
VDDA33
TT #4
USB
GPIO
Port Power
OCS
TT #5
UDC
20
2KB
DP
SRAM
8051
Controller
GPIO
Bridge
4KB
SRAM
32KB
ROM
2KB
OTP
256B
IRAM
VDDA33
VDDA33
3.3V Reg
Swap PHY
USB
Down or
Upstream
PHY
USB
Downstream
PHY
USB
Downstream
PHY
USB
Downstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com