Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4604 Datasheet(PDF) 51 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 47Page - Microchip Technology USB4604 Datasheet HTML 48Page - Microchip Technology USB4604 Datasheet HTML 49Page - Microchip Technology USB4604 Datasheet HTML 50Page - Microchip Technology USB4604 Datasheet HTML 51Page - Microchip Technology USB4604 Datasheet HTML 52Page - Microchip Technology USB4604 Datasheet HTML 53Page - Microchip Technology USB4604 Datasheet HTML 54Page - Microchip Technology USB4604 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 51
Note 9.9
Includes VDD12 current.
9.3.2
Suspend / Standby
9.3.2.1
Single Supply
The following tables detail the device power consumption when configured with a single VBAT supply
and an externally supplied VDD12 for HSIC (when applicable) For additional information on power
connections, refer to Chapter 4, "Power Connections," on page 23.
9.3.2.1.1
USB UPSTREAM
Note: Typical values measured with VBAT = 4.2V. Maximum values measured with VBAT = 5.5V.
9.3.2.1.2
HSIC UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDD12 = 1.2V. Maximum values measured with
VBAT = 5.5V, VDD12 = 1.32V.
Table 9.3 Single Supply Suspend/Standby Power Consumption (USB Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
320
1200
2000
uA
Standby
IVBAT
0.4
2.0
2.4
uA
Table 9.4 Single Supply Suspend/Standby Power Consumption (HSIC Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
120
1200
1500
uA
IVDD12
5
550
750
uA
Standby
IVBAT
0.2
1.9
2.2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com