Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ32 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ32
Description  Quiet Series Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ32 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ32 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ32 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ32 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ32 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ32 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ32 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ACTQ32
Quiet Series Quad 2-Input OR Gate
General Description
The ’ACTQ32 contains four, 2-input OR gates and utilizes
NSC Quiet Series technology to guarantee quiet output
switching and improved dynamic threshold performance.
FACT Quiet Series™ features GTO™ output control and un-
dershoot corrector in addition to a split ground bus for supe-
rior ACMOS performance.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Outputs source/sink 24 mA
n ’ACTQ32 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD) 5962-8973601
Logic Symbol
Connection Diagrams
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
GTO™ is a trademark of National Semiconductor Corporation.
FACT™ and FACT Quiet Series™ are trademarks of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100984-1
Pin Assignment for DIP and Flatpak
DS100984-3
Pin Assignment for LCC
DS100984-2
September 1998
© 1998 National Semiconductor Corporation
DS100984
www.national.com


Similar Part No. - 54ACTQ32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACTQ32JRQMLV TI1-54ACTQ32JRQMLV Datasheet
542Kb / 11P
54ACTQ32QML Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
54ACTQ32QML Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
Quiet Series Quad 2-Input OR Gate
54ACTQ32WRQMLV TI1-54ACTQ32WRQMLV Datasheet
542Kb / 11P
54ACTQ32QML Quiet Series Quad 2-Input OR Gate
More results

Similar Description - 54ACTQ32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
Quiet Series Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
Quiet Series??Quad 2-Input AND Gate
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
Quiet Series Quad 2-Input OR Gate
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
Quiet Series??Quad 2-Input AND Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
54ACTQ32QML Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
Quiet Series Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com