Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS42B49 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42B49
Description  250-MSPS Ultralow-Power ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42B49 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS42B49 Datasheet HTML 17Page - Texas Instruments ADS42B49 Datasheet HTML 18Page - Texas Instruments ADS42B49 Datasheet HTML 19Page - Texas Instruments ADS42B49 Datasheet HTML 20Page - Texas Instruments ADS42B49 Datasheet HTML 21Page - Texas Instruments ADS42B49 Datasheet HTML 22Page - Texas Instruments ADS42B49 Datasheet HTML 23Page - Texas Instruments ADS42B49 Datasheet HTML 24Page - Texas Instruments ADS42B49 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
O
E
O
E
O
E
O
E
O
E
E
O
E
O
E
O
E
O
E
O
N+1
N
N+2
11 Clock Cycles
(1)
Input
Clock
CLKOUTM
CLKOUTP
Output Data
(2)
DxP, DxM
DDR
LVDS
N-11
N-10
N-9
N-8
N-1
N
N+1
N+2
11 Clock Cycles
(1)
CLKOUT
Output Data
D[13:0]
Parallel
CMOS
Input
Signal
Sample
N
N+1
N+2
N+3
N+4
tPDI
tA
tPDI
CLKM
CLKP
N-11
N-10
N-9
N-8
N+11
N+12
N+13
DAn_P
DBn_P
DAn_M
DBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
ADS42B49
www.ti.com
SBAS558C – DECEMBER 2012 – REVISED DECEMBER 2015
9 Parameter Measurement Information
(1)
With an external 100-
Ω termination.
Figure 37. LVDS Output Voltage Levels
(1)
The ADC latency after reset is 11 clock cycles. Overall latency = ADC latency + tPDI.
(2)
E = even bits (D0, D2, D4, and so forth); O = odd bits (D1, D3, D5, and so forth).
Figure 38. Latency Timing Diagram
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com