Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Analog Input Amplitude − dBFS
−25
−20
−15
−10
−5
0
5
10
15
20
25
−1
0
1
2
3
4
5
6
G023
After Positive
Over-range
1GSPS (1ns)
After Negative
Over-range
1GSPS (1ns)
After Positive
Over-range
400MSPS (2.5ns)
After Positive
Over-range
200MSPS (5ns)
After Negative
Over-range
400MSPS (2.5ns)
After Negative
Over-range
200MSPS (5ns)
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.3 Analog Input Over-Range Recovery Error
An over-range condition occurs if the analog input voltage exceeds the full-scale range of the converter (0 dBFS).
To test recovery from an over-range, the ADC analog input is injected with a sinusoidal input frequency exactly at
CLKIN/4 (a four-point sinusoid at the digital outputs). The four sample points of each period occur at the top, mid-
scale, bottom and mid-scale of the sinusoid (clipped by the ADC when over-ranged to all 0s or all 1s). Once the
amplitude exceeds 0dBFS, the top and bottom of the sinusoidal input becomes out of range, while the mid-scale
point is always in-range and measureable with ADC output codes. The graph in Figure 27 indicates the amount
of error from the expected mid-scale value of 2048 that occurs after negative over-range (bottom of sinusoid) and
positive over-range (top of sinusoid). This equates to the amount of error in a valid sample 1 clock cycle after an
over-range occurs, as a function of input amplitude.
Figure 27. Recovery Error 1 Clock Cycle After Over-Range vs Input Amplitude
7.3.4 Clock Inputs
The ADS5400 clock input can be driven with either a differential clock signal or a single-ended clock input. The
equivalent clock input circuit can be seen in Figure 28. In low-input-frequency applications, where jitter may not
be a big concern, the use of a single-ended clock (as shown in Figure 29) could save cost and board space
without much performance tradeoff. When clocked with this configuration, it is best to connect CLK to ground
with a 0.01-
μF capacitor, while CLK is ac-coupled with a 0.01-μF capacitor to the clock source, as shown in
Figure 29.
24
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com