Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3433 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 4Page - Texas Instruments DLPC3433 Datasheet HTML 5Page - Texas Instruments DLPC3433 Datasheet HTML 6Page - Texas Instruments DLPC3433 Datasheet HTML 7Page - Texas Instruments DLPC3433 Datasheet HTML 8Page - Texas Instruments DLPC3433 Datasheet HTML 9Page - Texas Instruments DLPC3433 Datasheet HTML 10Page - Texas Instruments DLPC3433 Datasheet HTML 11Page - Texas Instruments DLPC3433 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
Pin Functions – Parallel Port Input Data and Control(1)(2)
PIN
DESCRIPTION
I/O
NAME
NUMBER
PARALLEL RGB MODE
BT656 INTERFACE MODE
PCLK
P3
I11
Pixel clock(3)
Pixel clock(3)
PDM_CVS_TE
N4
B5
Parallel data mask(4)
Unused(5)
VSYNC_WE
P1
I11
Vsync(6)
Unused(5)
HSYNC_CS
N5
I11
Hsync(6)
Unused(5)
DATAEN_CMD
P2
I11
Data Valid(6)
Unused(5)
(TYPICAL RGB 888)
PDATA_0
K2
Blue (bit weight 1)
BT656_Data (0)
PDATA_1
K1
Blue (bit weight 2)
BT656_Data (1)
PDATA_2
L2
Blue (bit weight 4)
BT656_Data (2)
PDATA_3
L1
Blue (bit weight 8)
BT656_Data (3)
I11
PDATA_4
M2
Blue (bit weight 16)
BT656_Data (4)
PDATA_5
M1
Blue (bit weight 32)
BT656_Data (5)
PDATA_6
N2
Blue (bit weight 64)
BT656_Data (6)
PDATA_7
N1
Blue (bit weight 128)
BT656_Data (7)
(TYPICAL RGB 888)
PDATA_8
R1
Green (bit weight 1)
PDATA_9
R2
Green (bit weight 2)
PDATA_10
R3
Green (bit weight 4)
PDATA_11
P4
Green (bit weight 8)
I11
Unused
PDATA_12
R4
Green (bit weight 16)
PDATA_13
P5
Green (bit weight 32)
PDATA_14
R5
Green (bit weight 64)
PDATA_15
P6
Green (bit weight 128)
(TYPICAL RGB 888)
PDATA_16
R6
Red (bit weight 1)
PDATA_17
P7
Red (bit weight 2)
PDATA_18
R7
Red (bit weight 4)
PDATA_19
P8
Red (bit weight 8)
I11
Unused
PDATA_20
R8
Red (bit weight 16)
PDATA_21
P9
Red (bit weight 32)
PDATA_22
R9
Red (bit weight 64)
PDATA_23
P10
Red (bit weight 128)
3D reference
•
For 3D applications: left or right 3D reference (left = 1, right = 0). To be provided by the
host when a 3D command is not provided. Must transition in the middle of each frame
3DR
N6
(no closer than 1 ms to the active edge of VSYNC)
•
If a 3D application is not used, then this input should be pulled low through an external
resistor.
(1)
PDATA(23:0) bus mapping is pixel format and source mode dependent. See later sections for details.
(2)
PDM_CVS_TE is optional for parallel interface operation. If unused, inputs should be grounded or pulled down to ground through an
external resistor (8 k
Ω or less).
(3)
Pixel clock capture edge is software programmable.
(4)
The parallel data mask signal input is optional for parallel interface operations. If unused, inputs should be grounded or pulled down to
ground through an external resistor (8 k
Ω or less).
(5)
Unused inputs should be grounded or pulled down to ground through an external resistor (8 k
Ω or less).
(6)
VSYNC, HSYNC, and DATAEN polarity is software programmable.
8
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com