Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPR910 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments DLPR910 Datasheet HTML 13Page - Texas Instruments DLPR910 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LVDS Interface
DCLKIN(A,B,C,D),DVALID(A,B,C,D),DIN(A,B,C,D)[15:])
DLPC910
DLP9000XFLS
APPS
FPGA
DOUT(A,B,C,D)[15:0]
DCLKOUT (A,B,C,D)
SCTRL(A,B,C,D)
RESET_ADDR(3:0)
RESET_MODE(1:0)
RESET_SEL(1:0)
RESET_STRB
RESET_OEZ
RESET_IRQZ
SCP BUS(3:0)
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
USER
Interface
Connectivity
USB
Ethernet
Volatile
And
Non-volatile
Storage
I2C
Row and Block Signals
ROWMD(1:0),ROWAD(10:0),BLKMD(1:0),BLKAD(3:0),RST2BLKZ
Control Signals
COMP_DATA,NS_FLIP,WDT_ENBLZ,PWR_FLOAT
Status Signals
RST_ACTIVE,INIT_ACTIVE,ECP2_FINISHED
RESETZ
VLED0
VLED1
Illumination
Driver
Illumination
Sensor
DLPR910
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DLPR910 configuration PROM comes pre-programmed with configuration code for the DLPC910. Upon
power-up, the DLPC910 and the DLPR910 handshake with each other to enable configuration information to be
sent from the DLPR910 to the DLPC910, such that the DLPC910 can configure itself for proper operation within
the application. Without the DLPR910 properly connected to the DLPC910 in the application system, the
DLPC910 would not be able to boot itself and the system would remain inoperable.
8.2 Typical Application
A typical use case for a high speed lithography application is shown in Figure 3. For complete details of this
typical application refer to the DLPC910 data sheet listed in Related Documentation.
Figure 3. Typical High Speed Lithography Application
8.2.1 Design Requirements
The DLPR910 is part of a multi-chipset solution, and it is required to be coupled with the DLPC910 for reliable
operation of the DLP9000XFLS DMD. For more information, refer to the DLPC910 datasheet listed in Related
Documentation.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com