Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7500 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 37Page - Microchip Technology LAN7500 Datasheet HTML 38Page - Microchip Technology LAN7500 Datasheet HTML 39Page - Microchip Technology LAN7500 Datasheet HTML 40Page - Microchip Technology LAN7500 Datasheet HTML 41Page - Microchip Technology LAN7500 Datasheet HTML 42Page - Microchip Technology LAN7500 Datasheet HTML 43Page - Microchip Technology LAN7500 Datasheet HTML 44Page - Microchip Technology LAN7500 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 41
7.3.3
SUSPEND2 (Self-Powered)
7.3.3.1
VDDVARIO & Magnetics = 2.5V
7.3.3.2
VDDVARIO & Magnetics = 3.3V
Table 7.5 SUSPEND2 (Self-Powered) Current & Power (VDDVARIO & Magnetics = 2.5V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33A = 3.3V)
0.5
mA
Supply current (VDDVARIO = 2.5V)
0.2
mA
Supply current (VDD12CORE, VDD12BIAS, VDD12USBPLL,
VDD12PLL, VDD12A = 1.2V)
2.0
mA
Power Dissipation (Device Only)
4.4
mW
Power Dissipation (Device and Ethernet components)
4.5
mW
Table 7.6 SUSPEND2 (Self-Powered) Current & Power (VDDVARIO & Magnetics = 3.3V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDDVARIO, VDD33A = 3.3V)
0.7
mA
Supply current (VDD12CORE, VDD12BIAS, VDD12USBPLL,
VDD12PLL, VDD12A = 1.2V)
2.0
mA
Power Dissipation (Device Only)
4.6
mW
Power Dissipation (Device and Ethernet components)
4.6
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com