Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7500I Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN7500I Datasheet HTML 9Page - Microchip Technology LAN7500I Datasheet HTML 10Page - Microchip Technology LAN7500I Datasheet HTML 11Page - Microchip Technology LAN7500I Datasheet HTML 12Page - Microchip Technology LAN7500I Datasheet HTML 13Page - Microchip Technology LAN7500I Datasheet HTML 14Page - Microchip Technology LAN7500I Datasheet HTML 15Page - Microchip Technology LAN7500I Datasheet HTML 16Page - Microchip Technology LAN7500I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 13
1
PME Mode
Select
PME_MODE_SEL
VIS
(PU)
This pin may serve as the PME_MODE_SEL
input when PME mode of operation is in effect.
Refer to Chapter 4, "PME Operation," on page 30
for additional information.
General
Purpose I/O 6
GPIO6
VIS/VO8/
VOD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
General
Purpose I/O 7
GPIO7
VIS/VO8/
VOD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
General
Purpose I/O 8
GPIO8
VIS/VO6/
VOD6
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
General
Purpose I/O 9
GPIO9
VIS/VO8/
VOD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
General
Purpose I/O
10
GPIO10
VIS/VO8/
VOD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
General
Purpose I/O
11
GPIO11
VIS/VO8/
VOD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Table 2.2 EEPROM Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
EEPROM
Data In
EEDI
VIS
(PD)
This pin is driven by the EEDO output of the
external EEPROM.
1
EEPROM
Data Out
EEDO
VO8
This pin drives the EEDI input of the external
EEPROM.
1
EEPROM
Chip Select
EECS
VO8
This pin drives the chip select output of the
external EEPROM.
Note:
The EECS output may tri-state briefly
during power-up. Some EEPROM
devices may be prone to false selection
during this time. When an EEPROM is
used, an external pull-down resistor is
recommended on this signal to prevent
false selection. Refer to your EEPROM
manufacturer’s datasheet for additional
information.
1
EEPROM
Clock
EECLK
VO8
This pin drives the EEPROM clock of the external
EEPROM.
Table 2.1 GPIO Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com