Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS52 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LCS52
Description  EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52 Datasheet(HTML) 2 Page - Microchip Technology

  24LCS52 Datasheet HTML 1Page - Microchip Technology 24LCS52 Datasheet HTML 2Page - Microchip Technology 24LCS52 Datasheet HTML 3Page - Microchip Technology 24LCS52 Datasheet HTML 4Page - Microchip Technology 24LCS52 Datasheet HTML 5Page - Microchip Technology 24LCS52 Datasheet HTML 6Page - Microchip Technology 24LCS52 Datasheet HTML 7Page - Microchip Technology 24LCS52 Datasheet HTML 8Page - Microchip Technology 24LCS52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
24AA52/24LCS52
DS21166K-page 2
 1996-2011 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
DC SPECIFICATIONS
DC CHARACTERISTICS
VCC = +1.8V to +5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D1
VIH
A0, A1, A2, SCL, SDA
and WP pins
——
D2
High-level input voltage
0.7 VCC
——
V
D3
VIL
Low-level input voltage
0.3 VCC
V
0.2 VCC for VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt
Trigger inputs
0.05 VCC
——
V
(Note)
D5
VOL
Low-level output voltage
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D6
ILI
Input leakage current
±1
AVIN = VSS or VCC
D7
ILO
Output leakage current
±1
AVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D9
ICC write Operating current
1.0
3.0
mA
VCC = 5.5V, SCL = 400 kHz
D10
ICC read
0.20
1.0
mA
D11
ICCS
Standby current
0.36
1.0
A
Industrial
SDA = SCL = VCC
A0, A1, A2, WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com