Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9500 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9500
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9500 Datasheet HTML 9Page - Microchip Technology LAN9500 Datasheet HTML 10Page - Microchip Technology LAN9500 Datasheet HTML 11Page - Microchip Technology LAN9500 Datasheet HTML 12Page - Microchip Technology LAN9500 Datasheet HTML 13Page - Microchip Technology LAN9500 Datasheet HTML 14Page - Microchip Technology LAN9500 Datasheet HTML 15Page - Microchip Technology LAN9500 Datasheet HTML 16Page - Microchip Technology LAN9500 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 13
LAN950x
1
MII Collision
Detect
(Internal PHY
Mode)
COL
IS/O8
(PU)
In internal PHY mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 122 for additional information.
MII Collision
Detect
(External PHY
Mode)
COL
IS
(PD)
In external PHY mode, the signal on this pin is
input from the external PHY and indicates a
collision event.
General
Purpose I/O 0
(Internal PHY
Mode Only)
GPIO0
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai ONLY):
This pin may be used to signal PME
when Internal PHY and PME modes of
operation are in effect. Refer to Section
6.0, "PME Operation," on page 112 for
additional information.
1
Management
Data
(Internal PHY
Mode)
MDIO
IS/O8
(PU)
In internal PHY mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 122 for additional information.
Management
Data
(External PHY
Mode)
MDIO
IS/O8
(PD)
In external PHY mode, this pin provides the
management data to/from the external PHY.
General
Purpose I/O 1
(Internal PHY
Mode Only)
GPIO1
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai ONLY):
This pin may serve as the
PME_MODE_SEL input when Internal
PHY and PME modes of operation are in
effect. Refer to Section 6.0, "PME
Operation," on page 112 for additional
information.
1
Management
Clock
(Internal PHY
Mode)
MDC
IS/O8
(PU)
In internal PHY mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 122 for additional information.
Management
Clock
(External PHY
Mode)
MDC
O8
(PD)
In external PHY mode, this pin outputs the
management clock to the external PHY.
General
Purpose I/O 2
(Internal PHY
Mode Only)
GPIO2
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
TABLE 3-1:
MII INTERFACE PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com