Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2251I Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2251I Datasheet HTML 17Page - Microchip Technology USB2251I Datasheet HTML 18Page - Microchip Technology USB2251I Datasheet HTML 19Page - Microchip Technology USB2251I Datasheet HTML 20Page - Microchip Technology USB2251I Datasheet HTML 21Page - Microchip Technology USB2251I Datasheet HTML 22Page - Microchip Technology USB2251I Datasheet HTML 23Page - Microchip Technology USB2251I Datasheet HTML 24Page - Microchip Technology USB2251I Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 21
USB2250/50i/51/51i
7.0
CONFIGURATION OPTIONS
7.1
Card Reader
The Microchip USB2250/50i/51/51i is fully compliant with the following flash media card reader specifications:
• Compact Flash 4.1
- CF UDMA Modes 0-4
- CF PIO Modes 0-6
• Secure Digital 2.0
- HS-SD and HC-SD
- TransFlash™ and reduced form factor media
• MultiMediaCard 4.2
- 1/4/8 bit MMC
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• Smart Media 1.3
• xD-Picture Card 1.2
7.1.1
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a device cannot provide power to its D+ or D- pull-up resistors
unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the device monitors the
state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes from an active
to an inactive state (not powered), the device will remove power from the D+ pull-up resistor within 10 seconds.
7.2
System Configurations
7.2.1
EEPROM
The USB2250/50i/51/51i can be configured via a 2-wire (I2C) EEPROM (512x8) flash device containing the options for
the USB2250/50i/51/51i. If an external configuration device does not exist the internal default values will be used. If one
of the external devices is used for configuration, the OEM can update the values through the USB interface. The device
will then “attach” to the upstream USB host.
The USBDM tool set is available in the USB225x Card Reader software release package. To download the software
package from Microchip's website, please visit:
http://www.microchip.com/SWLibraryWeb/producttc.aspx?product=OBJ%20files%20for%20USB2250
to go to the OBJ Card Reader Software Download Agreement. Review the license, and if you agree, check the "I agree"
box and then select “Confirm”. You will then be able to download the USB225x Card reader combo release package zip
files containing the USBDM tool set. Please note that the following applies to the system values and descriptions when
used:
• N/A = Not applicable to this part
• Reserved = For internal use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com