Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2422 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 33Page - Microchip Technology USB2422 Datasheet HTML 34Page - Microchip Technology USB2422 Datasheet HTML 35Page - Microchip Technology USB2422 Datasheet HTML 36Page - Microchip Technology USB2422 Datasheet HTML 37Page - Microchip Technology USB2422 Datasheet HTML 38Page - Microchip Technology USB2422 Datasheet HTML 39Page - Microchip Technology USB2422 Datasheet HTML 40Page - Microchip Technology USB2422 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 37
USB2422
Note 5-4
Output leakage is measured with the current pins in high impedance.
Note 5-5
See USB 2.0 Specification 1. for USB DC electrical characteristics.
Note 5-6
1000
μA for commercial temperature part, and 1200 μA for industrial temperature part.
Note 5-7
800
μA for commercial temperature part, and 1000 μA for industrial temperature part.
Note 5-8
Current measured during peak USB traffic and does not reflect the average current draw.
5.2.1
PIN CAPACITANCE
O12, I/O12 & I/OSD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
2.4
V
IOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
μA
Hysteresis (SD pad only)
VHYSC
250
350
mV
VIN = VDD33
(Note 5-1)
Supply Current Unconfigured
Hi-Speed Host
ICCINTHS
40
45
mA
Supply Current
Hi-Speed Host, each additional
downstream port
ICCINTFS
35
40
mA
Note 5-8
Supply Current
Hi-Speed Host, 1 downstream port
IHCH1
47
58
mA
Note 5-8
Supply Current
Hi-Speed Host, 2 downstream ports
IHCH2
70
89
mA
Note 5-8
Supply Current
Full-Speed Host, 1 downstream port
IFCC1
29
40
mA
Note 5-8
Supply Current
Full-Speed Host, 2 downstream ports
IFCC2
35
45
mA
Note 5-8
Supply Current Suspend
ICSBY
425
Note 5-
6
μA
Supply Current Reset
ICRST
300
Note 5-
7
μA
TABLE 5-2:
PIN CAPACITANCE
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CXTAL
6
pF
All pins except USB pins and the pins
under the test tied to AC ground.
Input Capacitance
CIN
6
pF
Capacitance TA = 25°C
fc = 1 MHz
VDD33 = 3.3 V
Output Capacitance
COUT
6
pF
The maximum capacitance values include
the full length of the pin pad.
TABLE 5-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com