Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985F5V Datasheet(PDF) 54 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 54 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics A6985F5V Datasheet HTML 55Page - STMicroelectronics A6985F5V Datasheet HTML 56Page - STMicroelectronics A6985F5V Datasheet HTML 57Page - STMicroelectronics A6985F5V Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
Application notes
A6985F
54/77
DocID027738 Rev 2
So fixing
IL = 20% to 40% of the maximum output current, the minimum inductance value
can be calculated:
Equation 51
where fSW is the switching frequency 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IOUT = 0.5 A and FSW = 2 MHz the minimum
inductance value to have
IL = 30% of IOUT is about 8.2 µH.
The peak current through the inductor is given by:
Equation 52
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
In Table 14 some inductor part numbers are listed.
7.6.3
Output capacitor selection
The triangular shape current ripple (with zero average value) flowing into the output
capacitor gives the output voltage ripple, that depends on the capacitor value and the
equivalent resistive component (ESR). As a consequence the output capacitor has to be
selected in order to have a voltage ripple compliant with the application requirements.
The voltage ripple equation can be calculated as:
Equation 53
Usually the resistive component of the ripple can be neglected if the selected output
capacitor is a multi layer ceramic capacitor (MLCC).
The output capacitor is important also for loop stability: it determines the main pole and the
zero due to its ESR. (see Section 6: Closing the loop on page 38 to consider its effect in the
system stability).
Table 14. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
XAL40xx
2.2 to 15
5.6 to 2.8
XAL50xx
2.2 to 22
9.2 to 3.6
XFL40xx
2.2 to 4.7
3.7 to 2.7
LMIN
VOUT
I
LMAX
-------------------
1DMIN
–
FSW
-----------------------
=
ILPK
IOUT
I
L
2
--------
+
=
V
OUT
ESR
 I
LMAX
I
LMAX
8COUT fSW
---------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com