Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F5V Datasheet(PDF) 9 Page - STMicroelectronics

Part # A6986F5V
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F5V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A6986F5V Datasheet HTML 5Page - STMicroelectronics A6986F5V Datasheet HTML 6Page - STMicroelectronics A6986F5V Datasheet HTML 7Page - STMicroelectronics A6986F5V Datasheet HTML 8Page - STMicroelectronics A6986F5V Datasheet HTML 9Page - STMicroelectronics A6986F5V Datasheet HTML 10Page - STMicroelectronics A6986F5V Datasheet HTML 11Page - STMicroelectronics A6986F5V Datasheet HTML 12Page - STMicroelectronics A6986F5V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
DocID027739 Rev 1
9/72
A6986F
Electrical characteristics
72
IQ OPVIN Quiescent current from VIN
LCM - SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = 3.3 V
(3)
410
15
A
LCM - NO SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = GND
(3)
35
70
120
LNM - SWO
VFB = GND (NO SLEEP)
VBIAS = 3.3 V
0.5
1.5
5
mA
LNM - NO SWO
VFB = GND (NO SLEEP)
VBIAS = GND
22.8
6
IQ
OPVBIAS
Quiescent current from VBIAS
LCM - SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = 3.3 V
(3)
25
50
115
A
LNM - SWO
VFB = GND (NO SLEEP)
VBIAS = 3.3 V
0.5
1.2
5
mA
Soft-start
VINH
VSS threshold
SS rising
200
460
700
mV
VINH HYST VSS hysteresis
100
140
ISS CH
CSS charging current
VSS < VINH OR
t < TSS SETUP OR
VEA+ > VFB
(2)
1
A
t > TSS SETUP AND
VEA+ < VFB
(2)
4
VSS START
Start of internal error amplifier
ramp
0.995 1.1
1.150
V
SSGAIN
SS/INH to internal error
amplifier gain
3
Error amplifier
VOUT
Voltage feedback
3.3 V (A69863V3)
3.25
3.3
3.35
V
5 V (A69865V)
4.925 5.0. 5.075
IVOUT
VOUT biasing current
3.3 V (A69863V3)
4
6
8.5
A
5 V (A69865V)
7.5
10
13.5
AV
Error amplifier gain
(2)
100
dB
ICOMP
EA output current capability
±6
±12
±25
A
(4)
±4
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com