Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK320AM50R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDK320AM50R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320AM50R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDK320AM50R Datasheet HTML 3Page - STMicroelectronics LDK320AM50R Datasheet HTML 4Page - STMicroelectronics LDK320AM50R Datasheet HTML 5Page - STMicroelectronics LDK320AM50R Datasheet HTML 6Page - STMicroelectronics LDK320AM50R Datasheet HTML 7Page - STMicroelectronics LDK320AM50R Datasheet HTML 8Page - STMicroelectronics LDK320AM50R Datasheet HTML 9Page - STMicroelectronics LDK320AM50R Datasheet HTML 10Page - STMicroelectronics LDK320AM50R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LDK320
Electrical characteristics
DocID028460 Rev 1
7/25
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT
= 1 μF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 6: LDK320 electrical characteristics (fixed output version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.5
18
V
VOUT
VOUT accuracy
TJ = 25 °C
-2
2
%
-40 °C < TJ < 125 °C
-3
3
%
VOUT accuracy,
LDK320A
TJ = 25 °C
-0.5
0.5
%
-40 °C < TJ < 125 °C
-1.5
1.5
%
VOUT
Static line regulation
VOUT +1 V VIN 18 V
0.001
0.05
%/V
VOUT
Static load regulation
IOUT = 1mA to 200 mA
0.001
0.003
%/mA
VDROP
Dropout voltage (1)
IOUT = 100 mA, VOUT = 3.3 V
100
IOUT = 200 mA
V = 3.3 V
40 °C < TJ < 125 °C
200
350
mV
eN
Output noise voltage
10 Hz to 100 kHz
IOUT = 10 mA
63
μVRMS/V
SVR
Supply voltage
rejection
f = 120 Hz
IOUT = 10 mA
VOUT = 3.3 V
88
f = 1 kHz
IOUT = 10 mA
VOUT = 3.3 V
65
f = 10 kHz
IOUT= 10 mA
VOUT = 3.3 V
48
dB
IQ
Quiescent current
VOUT +1 V VIN 18 V
IOUT = 0 mA
-40 °C < TJ < 125 °C
60
90
μA
VIN = VOUT +1 V
IOUT = 200 mA
-40 °C < TJ < 125 °C
70
100
VIN input current in OFF
mode: VEN = GND TJ = 25 °C
0.2
1
ISC
Short-circuit current
RL = 0
330
mA
RL = 0, VIN = 16 V
200
VEN
Enable input logic low
VIN = 2.5 V to 18 V
-40 °C < TJ < 125 °C
0.4
V
Enable input logic high
VIN = 2.5 V to 18 V
-40 °C < TJ < 125 °C
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com