Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5975DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # R5975DTR
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button R5975DTR Datasheet HTML 9Page - STMicroelectronics R5975DTR Datasheet HTML 10Page - STMicroelectronics R5975DTR Datasheet HTML 11Page - STMicroelectronics R5975DTR Datasheet HTML 12Page - STMicroelectronics R5975DTR Datasheet HTML 13Page - STMicroelectronics R5975DTR Datasheet HTML 14Page - STMicroelectronics R5975DTR Datasheet HTML 15Page - STMicroelectronics R5975DTR Datasheet HTML 16Page - STMicroelectronics R5975DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
DocID026878 Rev 1
13/47
R5975D
Functional description
47
The synchronization feature, of a set of the R5975D, is simply obtained by connecting
together their SYNCH pins. The device with highest switching frequency is the master,
which provides the synchronization signal to the others. Therefore the SYNCH is an I/O pin
to deliver or recognize a frequency signal. The synchronization circuitry is powered by the
internal reference (VREF), so a small filtering capacitor (100 nF) connected between the
VREF pin and the signal ground of the master device is recommended for its proper
operation. However, when a set of synchronized devices populate a board it is not possible
to know in advance which is working as master, so the filtering capacitor must be designed
for a whole set of devices.
When one or more devices are synchronized to an external signal, its amplitude must be in
compliance with specifications given in Table 4 on page 8. The frequency of the
synchronization signal must be, at a minimum, higher than the maximum guaranteed natural
switching frequency of the device (275 kHz, see Table 4) while the duty cycle of the
synchronization signal can vary from approximately 10% to 90%. The small capacitor under
the VREF pin is required for this operation.
Figure 4. Oscillator circuit block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com